Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 301 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 301 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 297Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 298Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 299Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 300Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 301Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 302Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 303Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 304Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 305Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 555 page
background image
Revision 0.8
301
www.national.com
DIVIL Register Descriptions (Continued)
DIVIL_GLD_MSR_SMI Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
DIVIL_GLD_MSR_SMI Bit Descriptions
Bit
Name
Description
63:48
RSVD
Reserved. Reads return 0. Writes have no effect.
47
PM1_CNT_SSMI_
FLAG
Power Management 1 Control Register SSMI Flag. If high, records that an SSMI was
generated on a write to PM1_CNT (ACPI I/O Offset 08h). Write 1 to clear; writing 0 has
no effect. PM1_CNT_SSMI_EN (bit 15) must be high to generate SSMI and set flag.
46
PM2_CNT_SSMI_
FLAG
Power Management 2 Control Register SSMI Flag. If high, records that an SSMI was
generated on a write to PM2_CNT (ACPI I/O Offset 0Ch). Write 1 to clear; writing 0 has
no effect. PM2_CNT_SSMI_EN (bit 14) must be high to generate SSMI and set flag.
45
KEL_A20_ASMI_
FLAG
KEL Gate A20 ASMI Flag. If high, records that an ASMI was generated in the KEL due
to keyboard gate A20 signal change. Write 1 to clear; writing 0 has no effect.
KELA20_ASMI_EN (bit 13) must be high to generate ASMI and set flag.
44
DMA_SSMI_
FLAG
DMA SSMI Flag. If high, records that an SSMI was generated on the 8237s during
DMA. Write 1 to clear; writing 0 has no effect. DMA_SSMI_EN (bit 12) must be high to
generate SSMI and set flag. (Also see Section 5.6.2.14 "Access Control DMA Request
(DIVIL_AC_DMA)" on page 318.)
43
LPC_SSMI_FLAG
LPC SSMI Flag. If high, records that an SSMI was generated on the LPC during DMA.
Write 1 to clear; writing 0 has no effect. LPC_SSMI_EN (bit 11) must be high to gener-
ate SSMI and set flag. (Also see Section 5.6.2.14 "Access Control DMA Request
(DIVIL_AC_DMA)" on page 318.)
42
RSVD
Reserved. Reads return 0. Writes have no effect.
41
UART2_SSMI_
FLAG
UART2 SSMI Flag. If high, records that an SSMI was generated on UART2 during
DMA. Write 1 to clear; writing 0 has no effect. UART2_SSMI_EN (bit 9) must be high to
generate SSMI and set flag. (Also see Section 5.6.2.14 "Access Control DMA Request
(DIVIL_AC_DMA)" on page 318.)
40
UART1_SSMI_
FLAG
UART1 SSMI Flag. If high, records that an SSMI was generated on UART1 during
DMA. Write 1 to clear; writing 0 has no effect. UART1_SSMI_EN (bit 8) must be high to
generate SSMI and set flag. (Also see Section 5.6.2.14 "Access Control DMA Request
(DIVIL_AC_DMA)" on page 318.)
39
PORTA_INIT_
ASMI_FLAG
Port A INIT ASMI Flag. If high, records that an ASMI was generated in the KEL due to
an INIT on Port A (092h). Write 1 to clear; writing 0 has no effect.
PORTA_INIT_ASMI_EN (bit 7) must be high to generate ASMI and set flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com