Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 305 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 305 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 301Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 302Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 303Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 304Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 305Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 306Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 307Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 308Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 309Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 555 page
background image
Revision 0.8
305
www.national.com
DIVIL Register Descriptions (Continued)
32
LB_ADAP_BAD_
FLAG
LBus Adapter Bad Flag. If high, records that an ERR was generated due to the
GeodeLink Adapter detected an error at the GeodeLink interface (e.g., packet type not
supported). LB_ADAP_BAD_EN (bit 0) must be high to generate ERR and set flag.
Write 1 to clear; writing 0 has no effect.
31:17
RSVD
Reserved. Reads return 0. Writes have no effect.
16
LPC_EXCP_EN
LPC Exception Enable. Write 1 to enable EXCEP bit in response packet for LPC
address errors.
15
SHTDWN_
ERR_EN
Shutdown Error Enable. Write 1 to enable SHTDWN_ERR_FLAG (bit 47) and to allow
a Shutdown cycle to generate an ERR.
14
NAND_DIST_
ERR_EN
NAND Distract Error Enable. Write 1 to enable NAND_DIST_ERR_FLAG (bit 46) and
to allow a NAND distract error to generate an ERR.
13
RSVD
Reserved. Reads return 0. Writes have no effect.
12
DMA_DMA_
ERR_EN
8237 DMA Error Enable. Write 1 to enable DMA_DMA_ERR_FLAG (bit 44) and to
allow an access on the 8237s during DMA to generate an ERR.
11
LPC_DMA_
ERR_EN
LPC DMA Error Enable. Write 1 to enable LPC_DMA_ERR_FLAG (bit 43) and to
allow an LPC access during DMA an LPC access during DMA to generate an ERR.
10
RSVD
Reserved. Reads return 0. Writes have no effect.
9UART2_DMA_
ERR_EN
UART2 DMA Error Enable. Write 1 to enable UART2_DMA_ERR_FLAG (bit 41) and
to allow UART2 accesses during DMA to generate an ERR.
8UART1_DMA
_ERR_EN
UART1 DMA Error Enable. Write 1 to enable UART1_DMA_ERR_FLAG (bit 40) and
to allow UART1 accesses during DMA to generate an ERR.
7:6
RSVD
Reserved. Reads return 0. Writes have no effect.
5
LPC_MAST_
ERR_EN
LPC Master Error Enable. Write 1 to enable LPC_MAST_ERR_FLAG (bit 37) and to
allow Master <=> GeodeLink Adapter transactions to generate an ERR.
4LPC_SLV_
ERR_EN
LPC Slave Error Enable. Write 1 to enable LPC_SLV_ERR_FLAG (bit 36) and to allow
Slave <=> GeodeLink Adapter transactions to generate an ERR.
3
MAST_RESP_
EXCEP_EN
Master Response Exception Enable. Write 1 to enable MAST_RESP_EXCEP_FLAG
(bit 35) and to allow when the GeodeLink Adapter detects the EXCEP bit set in a local
bus master response packet to generate an ERR.
2
REPEAT_SSMI_
ERR_EN
Repeat SSMI Error Enable. Write 1 to enable REPEAT_SSMI_ERR_FLAG (bit 34)
and to allow when a second SSMI occurs on an address before the first was cleared to
generate an ERR.
1
DECODE_
ERR_EN
Decode Error Enable. Write 1 to enable FLAG bits [54:52] and to allow when one or
more devices are decoded to the same address during the address decode cycle to
generate an ERR.
0
LB_ADAP_
BAD_EN
LBus Adapter Bad Enable. Write 1 to enable LB_ADAP_BAD_FLAG (bit 32) and to
allow when the GeodeLink Adapter detects an error at the GeodeLink interface to gen-
erate an ERR.
DIVIL_GLD_MSR_ERROR Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com