Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 304 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 304 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 300Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 301Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 302Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 303Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 304Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 305Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 306Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 307Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 308Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 555 page
background image
www.national.com
304
Revision 0.8
DIVIL Register Descriptions (Continued)
53
MEM_LBAR_
DECODE_
ERR_FLAG
Memory LBAR Decode Error Flag. If high, records that an ERR was generated due to
a collision between one memory LBAR and another memory LBAR hit. In this case, NO
chip select is generated and DECODE_ERR_FLAG (bit 33) is asserted.
DECODE_ERR_EN (bit 1) must be high to generate ERR and set flag. Write 1 to clear;
writing 0 has no effect.
52
IO_LBAR_
DECODE_ERR_
FLAG
I/O LBAR Decode Error Flag. If high, records that an ERR was generated due to a col-
lision between one I/O LBAR and another I/O LBAR hit. In this case, NO chip select is
generated and DECODE_ERR_FLAG (bit 33) is asserted.DECODE_ERR_EN (bit 1)
must be high to generate ERR and set flag. Write 1 to clear; writing 0 has no effect.
51:48
RSVD
Reserved. Reads return 0. Writes have no effect.
47
SHTDWN_
ERR_FLAG
Shutdown Error Flag. If high, records that an ERR was generated due to a Shutdown
cycle occurrence. SHTDWN_ERR_EN (bit 15) must be high to generate ERR and set
flag. Write 1 to clear; writing 0 has no effect.
46
NAND_DIST_
ERR_FLAG
NAND Distract Error Flag. If high, records that an ERR was generated due to a NAND
distract error. NAND_DIST_ERR_EN (bit 14) must be high to generate ERR and set
flag. Write 1 to clear; writing 0 has no effect.
45
RSVD
Reserved. Reads return 0. Writes have no effect.
44
DMA_DMA_
ERR_FLAG
8237 DMA Error Flag. If high, records that an ERR was generated due to an access on
the 8237s during DMA. DMA_DMA_ERR_EN (bit 12) must be high to generate ERR
and set flag. Write 1 to clear; writing 0 has no effect.
43
LPC_DMA_
ERR_FLAG
LPC DMA Error Flag. If high, records that an ERR was generated due to an LPC
access during DMA. LPC_DMA_ERR_EN (bit 11) must be high to generate ERR and
set flag. Write 1 to clear; writing 0 has no effect.
42
RSVD
Reserved. Reads return 0. Writes have no effect.
41
UART2_DMA_
ERR_FLAG
UART2 DMA Error Flag. If high, records that an ERR was generated due to a UART2
access during DMA. UART2_DMA_ERR_EN (bit 9) must be high to generate ERR and
set flag. Write 1 to clear; writing 0 has no effect.
40
UART1_DMA_
ERR_FLAG
UART1 DMA Error Flag. If high, records that an ERR was generated due to a UART1
access during DMA. UART1_DMA_ERR_EN (bit 8) must be high to generate ERR and
set flag. Write 1 to clear; writing 0 has no effect.
39:38
RSVD
Reserved. Reads return 0. Writes have no effect.
37
LPC_MAST_
ERR_FLAG
LPC Master Error Flag. If high, records that an ERR was generated on the LPC due to
a Master <=> GeodeLink Adapter transaction. LPC_MAST_ERR_EN (bit 5) must be
high to generate ERR and set flag. Write 1 to clear; writing 0 has no effect.
36
LPC_SLV_
ERR_FLAG
LPC Slave Error Flag. If high, records that an ERR was generated on the LPC due to
a Slave <=> GeodeLink Adapter transaction. LPC_SLV_ERR_EN (bit 4) must be high
to generate ERR and set flag. Write 1 to clear; writing 0 has no effect.
35
MAST_RESP_
EXCEP_FLAG
Master Response Exception Flag. If high, records that an ERR was generated due to
the GeodeLink Adapter detecting the EXCEP bit set in a local bus master response
packet. MAST_RESP_EXCP_EN (bit 3) must be high to generate ERR and set flag.
Write 1 to clear; writing 0 has no effect.
34
REPEAT_SSMI_
ERR_FLAG
Repeat SSMI Error Flag. If high, records that an ERR was generated due to a second
SSMI occurring on an address before the first was cleared. REPEAT_SSMI_ERR_EN
(bit 2) must be high to generate ERR and set flag. Write 1 to clear; writing 0 has no
effect.
33
DECODE_ERR_
FLAG
Decode Error Flag. If high, records that an ERR was generated during the address
decode cycle due to one or more devices being decoded to the same address. Bits
[54:52] record further information about this type of error. DECODE_ERR_EN (bit 1)
must be high to generate ERR and set flag. Write 1 to clear; writing 0 has no effect.
DIVIL_GLD_MSR_ERROR Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com