Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 306 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 306 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 302Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 303Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 304Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 305Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 306Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 307Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 308Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 309Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 310Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 555 page
background image
www.national.com
306
Revision 0.8
DIVIL Register Descriptions (Continued)
5.6.1.5
GeodeLink Device Power Management MSR (DIVIL_GLD_MSR_PM)
MSR Address
51400004h
Type
R/W
Reset Value
00000000_00000000h
DIVIL_GLD_MSR_PM Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
RSVD
DIVIL_GLD_MSR_PM Bit Descriptions
Bit
Name
Description
63:48
RSVD
Reserved. Reads return 0. Writes have no effect.
47:46
RSVD
Reserved. Do not write. Reads return 0.
45:44
RSVD
Reserved. Reads return 0. Writes have no effect.
43:36
RSVD
Reserved. Do not write. Reads return 0.
35
RSVD
Reserved. Reads return 0. Writes have no effect.
34:32
RSVD
Reserved. Do not write. Reads return 0.
31:30
PMODE15
Power Mode for GPIO Standby Power Domain 32 kHz Clock Domain.
00: Disable clock gating. Clocks are always on.
01: Enable active hardware clock gating. Clock goes off whenever this module’s cir-
cuits are not busy.
10: Reserved.
11: Reserved.
29:28
PMODE14
Power Mode for GPIO Working Power Domain 32 kHz Clock Domain. See bits
[31:30] for decode.
27:24
RSVD
Reserved. Reads will return the value written.
23:22
PMODE11
Power Mode for MFGPT Standby Power Domain 32 kHz Clock Domain. See bits
[31:30] for decode.
21:20
PMODE10
Power Mode for MFGPT Working Power Domain 32 kHz Clock Domain. See bits
[31:30] for decode.
19:18
PMODE9
Power Mode for MFGPT Working power domain 14 MHz Clock Domain. See bits
[31:30] for decode.
17:16
PMODE8
Power Mode for LPC. See bits [31:30] for decode.
15:14
PMODE7
Power Mode for UART2. See bits [31:30] for decode.
13:12
PMODE6
Power Mode for UART1. See bits [31:30] for decode.
11:10
PMODE5
Power Mode for System Management Bus Controller. See bits [31:30] for decode.
9:8
PMODE4
Power Mode for DMA (8237). See bits [31:30] for decode.
7:6
RSVD
Reserved. Reads return 0. Writes have no effect.
5:4
PMODE2
Power Mode for PIT (8254). See bits [31:30] for decode.
3:2
PMODE1
Power Mode for GeodeLink Adapter Local Bus Interface and Local Bus Clock.
See bits [31:30] for decode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com