Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 303 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 303 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 299Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 300Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 301Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 302Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 303Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 304Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 305Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 306Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 307Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 555 page
background image
Revision 0.8
303
www.national.com
DIVIL Register Descriptions (Continued)
5.6.1.4
GeodeLink Device Error MSR (DIVIL_GLD_MSR_ERROR)
The flags are set by internal conditions. The internal conditions are enabled if the EN bit is 1. Reading the FLAG bit returns
the value; writing 1 clears the flag; writing 0 has no effect. (See Section 3.8.4 "MSR Address 3: Error Control" on page 71
for further on ERR generation details.)
3
PIC_ASMI_EN
PIC ASMI Enable. Write 1 to enable PIC_ASMI_FLAG (bit 35) and to allow the
Extended PIC Mapper to generate an ASMI.
2
KEL_EE_ASMI_
EN
KEL Emulation Event ASMI Enable. Write 1 to enable KEL_EE_ASMI_FLAG (bit 34)
and to allow the KEL to generate an ASMI.
1
SHTDWN_ASMI_
EN
Shutdown ASMI Enable. Write 1 to enable SHTDWN_ASMI_FLAG (bit 33) and to
allow a Shutdown special cycle to generate an ASMI.
0HLT_ASMI_EN
Halt ASMI Enable. Write 1 to enable HLT_ASMI_FLAG (bit 32) and to allow a Halt spe-
cial cycle to generate an ASMI.
MSR Address
51400003h
Type
R/W
Reset Value
00000000_00000000h
DIVIL_GLD_MSR_ERROR Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
RSVD
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
RSVD
DIVIL_GLD_MSR_ERROR Bit Descriptions
Bit
Name
Description
63:55
RSVD
Reserved. Reads return 0. Writes have no effect.
54
UART1XUART2_
ERR_FLAG
UART1 and UART2 Error Flag. If high, records that an ERR was generated due to a
collision between the two UARTs. UART1 and UART2 are set to the same I/O address
base. No chip selects are asserted and DECODE_ERR_FLAG (bit 33) is asserted.
DECODE_ERR_EN (bit 1) must be high to generate ERR and set flag. Write 1 to clear;
writing 0 has no effect.
DIVIL_GLD_MSR_SMI Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com