Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 307 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 307 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 303Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 304Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 305Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 306Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 307Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 308Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 309Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 310Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 311Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 555 page
background image
Revision 0.8
307
www.national.com
DIVIL Register Descriptions (Continued)
5.6.1.6
GeodeLink Device Diagnostic MSR (DIVIL_GLD_MSR_DIAG)
This register is reserved for internal use by National and should not be written to.
5.6.2
DIVIL Specific MSRs
Refer to Section 4.6 "Diverse Integration Logic" on page 96 for an explanation and block diagram of the address compari-
son mechanism of the base address and the address lines.
Note that the I/O space 04FFh-0000h is off limits to I/O LBARs.
5.6.2.1
Local BAR - IRQ Mapper (DIVIL_LBAR_IRQ)
See Section 4.6.1 "LBARs and Comparators" on page 97 for operational details.
The IRQ Mapper takes 32 bytes of I/O space. Use of this LBAR is optional. The IRQ Mapper is always available via MSR
space.
1:0
PMODE0
Power Mode for GeodeLink Adapter GeodeLink Interface. See bits [31:30] for
decode.
MSR Address
51400005h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
51400008h
Type
R/W
Reset Value
00000000_00000000h
DIVIL_LBAR_IRQ Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
IO_MASK
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
BASE_ADDR
RSVD
DIVIL_MSR_LBAR_IRQ Bit Descriptions
Bit
Name
Description
63:49
RSVD
Reserved. Reads return 0; writes have no effect.
48
RSVD
Reserved. Always write 0.
47:44
IO_MASK
I/O Address Mask Value. See discussion in Section 4.6.1 "LBARs and Comparators"
on page 97.
43:33
RSVD
Reserved. Reads return 0; writes have no effect.
32
LBAR_EN
LBAR Enable.
0: Disable address detection by this LBAR.
1: Enable address detection by this LBAR.
31:20
RSVD
Reserved. Reads return 0; writes have no effect.
16
RSVD
Reserved. Always write 0.
DIVIL_GLD_MSR_PM Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com