Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 299 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 299 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 295Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 296Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 297Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 298Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 299Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 300Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 301Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 302Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 303Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 555 page
background image
Revision 0.8
299
www.national.com
DIVIL Register Descriptions (Continued)
5.6.1
Standard GeodeLink Device MSRs
5.6.1.1
GeodeLink Device Capabilities MSR (DIVIL_GLD_MSR_CAP)
5140004Dh
RO
LPC Error Status (LPC_ESTAT)
00000000h
Page 419
(LPC spec)
5140004Eh
R/W
LPC Serial IRQ Control (LPC_SIRQ)
00000000h
Page 420
(LPC spec)
5140004Fh
R/W
LPC Reserved (LPC_RSVD)
00000000h
Page 420
(LPC spec)
51400050h
R/W
PMC Logic Timer (PMC_LTMR)
00000000h
Page 479
(PMC spec)
51400051h
R/W
PMC Reserved (PMC_RSVD)
00000000h
Page 479
(PMC spec)
51400052h-
51400053h
R/W
Reserved MSR (RSVD_MSR) - Reads return 1;
writes have no effect.
11h
---
51400054h
R/W
RTC RAM Lock (RTC_RAM_LOCK)
00h
Page 422
(RTC spec)
51400055h
R/W
RTC Date of Month Alarm Offset
(RTC_DOMA_OFFSET)
00h
Page 422
(RTC spec)
51400056h
R/W
RTC Month Alarm Offset (RTC_MONA_OFFSET)
00h
Page 423
(RTC spec)
51400057h
R/W
RTC Century Offset (RTC_CEN_OFFSET)
00h
Page 423
(RTC spec)
51400058h-
514000FFh
R/W
Reserved MSR (RSVD_MSR) - Reads return 1;
writes have no effect.
11h
---
MSR Address
51400000h
Type
RO
Reset Value
00000000_002DF0xxh
DIVIL_GLD_MSR_CAP Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
DEV_ID
REV_ID
DIVIL_GLD_MSR_CAP Bit Descriptions
Bit
Name
Description
63:24
RSVD
Reserved. Reads return 0.
23:8
DEV_ID
Device ID. Identifies module (2DF0h).
7:0
REV_ID
Revision ID. Identifies module revision. See CS5535 I/O Companion Device Errata
document for value.
Table 5-18. DIVIL Specific MSRs Summary (Continued)
MSR
Address
Type
Register Name
Reset Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com