Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 296 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 296 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 292Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 293Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 294Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 295Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 296Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 297Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 298Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 299Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 300Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 555 page
background image
www.national.com
296
Revision 0.8
DIVIL Register Descriptions (Continued)
5140000Ch
R/W
Local BAR - GPIO and ICFs
(DIVIL_LBAR_GPIO)
I/O Space - Local Base Address Register for
GPIOs and ICFs.
00000000_00000000h
Page 310
5140000Dh
R/W
Local BAR - MFGPTs (DIVIL_LBAR_MFGPT)
I/O Space - Local Base Address Register for
MFGPTs.
00000000_00000000h
Page 311
5140000Eh
R/W
Local BAR - ACPI (DIVIL_LBAR_ACPI)
I/O Space - Local Base Address Register for
MFGPTs.
00000000_00000000h
Page 311
5140000Fh
R/W
Local BAR - Power Management Support
(DIVIL_LBAR_PMS)
I/O Space - Local Base Address Register for
Power Management Support registers.
00000000_00000000h
Page 312
51400010h
R/W
Local BAR - Flash Chip Select 0
(DIVIL_LBAR_FLSH0)
Local Base Address Register for Flash Controller,
Chip Select 0.
00000000_00000000h
Page 313
51400011h
R/W
Local BAR - Flash Chip Select 1
(DIVIL_LBAR_FLSH1)
Local Base Address Register for Flash Controller,
Chip Select 1.
00000000_00000000h
Page 313
51400012h
R/W
Local BAR - Flash Chip Select 2
(DIVIL_LBAR_FLSH2)
Local Base Address Register for Flash Controller,
Chip Select 2.
00000000_00000000h
Page 313
51400013h
R/W
Local BAR - Flash Chip Select 3
(DIVIL_LBAR_FLSH3)
Local Base Address Register for Flash Controller,
Chip Select 3.
00000000_00000000h
Page 313
51400014h
R/W
Legacy I/O Space Controls (DIVIL_LEG_IO)
Legacy I/O space controls.
04000003h
Page 315
51400015h
R/W
Ball Options Control (DIVIL_BALL_OPTS)
Controls IDE and LPC pin options.
00000x7xh
Page 316
51400016h
R/W
Soft IRQ (DIVIL_SOFT_IRQ)
Software generated IRQ.
00000000h
Page 318
51400017h
R/W
Soft Reset (DIVIL_SOFT_RESET)
Software generated RESET.
00000000h
Page 318
51400018h
R/W
NOR Flash Control (NORF_CTL)
00000000h
Page 502
(Flash spec)
51400019h
R/W
NOR Flash Timing for Chip Selects 0 and 1
(NORTF_T01)
07770777h
Page 504
(Flash spec)
5140001Ah
R/W
NOR Flash Timing for Chip Selects 2 and 3
(NORTF_T23)
07770777h
Page 505
(Flash spec)
Table 5-18. DIVIL Specific MSRs Summary (Continued)
MSR
Address
Type
Register Name
Reset Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com