Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 375 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 375 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 371Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 372Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 373Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 374Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 375Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 376Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 377Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 378Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 379Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 555 page
background image
Revision 0.8
375
www.national.com
UART/IR Controller Register Descriptions (Continued)
Bank Select Register (BSR)
BSR selects the next register bank to be accessed. For details on how to access this register, see the description of BKSE
(bit 7) of LCR (Section 5.12.3.4 on page 373). The register map and bit descriptions are applicable for all banks.
I/O Offset
03h
Type
R/W
Reset Value
00h
BSR Register Map
76
54
32
10
BKSE
BSR[6:0]
BSR Bit Descriptions
Bit
Name
Description
7
BKSE
Bank Select Enable
0: Bank 0 selected.
1: Bits 6 to 0 specify the selected bank (see Table 5-35).
6:0
BSR[6:0]
Bank Select [6:0]. When BKSE (bit 7) is set to 1, these bits select the bank (see Table 5-
35).
Table 5-35. Bank Select Encoding
BSR Bits
Bank Selected
7
654
321
0
0
xxx
xxxx
0
1
0
xx
xxxx
1
1
1
xx
xx
1
x
1
1
1
xx
xxx
1
1
1
110
000
0
2
1
110
010
0
3
1
110
100
0
4
1
110
110
0
5
1
111
000
0
6
1
111
010
0
7
1
111
1
x
0
0
Reserved
11
0
x
x
x
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com