Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 378 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 378 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 374Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 375Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 376Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 377Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 378Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 379Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 380Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 381Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 382Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 555 page
background image
www.national.com
378
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
LSR Bit Descriptions
Bit
Name
Description
7ER_INF
Error in RX_FIFO. In UART, Sharp-IR, and SIR modes, this bit is set to 1 if there is at least
one framing error, parity error, or break indication in the RX_FIFO. This bit is always 0 in
16450 mode. It is cleared upon read or upon reset if there is no faulted byte in RX_FIFO.
6
TXEMP
Transmitter Empty. This bit is set to 1 when the transmitter holding register or the
TX_FIFO is empty, and the transmitter front end is idle.
5TXRDY
Transmitter Ready. This bit is set to 1 when the transmitter holding register or the
TX_FIFO is empty. It is cleared when a data character is written to the TXD register.
4BRK
Break Event Detected. In UART, Sharp-IR, and SIR modes, this bit is set to 1 when a
break event is detected (i.e., when a sequence of logic 0 bits, equal or longer than a full
character transmission, is received). If the FIFOs are enabled, the break condition is asso-
ciated with the particular character in the RX_FIFO to which it applies. In this case, the
BRK bit is set when the character reaches the bottom of the RX_FIFO. When a break event
occurs, only one 0 character is transferred to the receiver holding register or the RX_FIFO.
The next character transfer takes place after at least one logic 1 bit is received, followed by
a valid start bit. This bit is cleared upon read.
3FE
Framing Error. In UART, Sharp-IR and SIR modes, this bit is set to 1 when the received
data character does not have a valid stop bit (i.e., the stop bit following the last data bit or
parity bit is a 0). If the FIFOs are enabled, this Framing Error is associated with the particu-
lar character in the FIFO it applies to. This error is revealed to the CPU when its associated
character is at the bottom of the RX_FIFO. After a framing error is detected, the receiver
will try to resynchronize. The receiver assumes that framing error (the erroneous stop bit) is
the next start bit (the erroneous stop bit) and shifts in the new character. This bit is cleared
upon a read.
2PE
Parity Error. In UART, Sharp-IR, and SIR modes, this bit is set to 1 if the received data
character does not have the correct parity, even or odd, as selected by the parity control
bits of the LCR. If the FIFOs are enabled, this error is associated with the particular charac-
ter in the FIFO that it applies to. This error is revealed to the CPU when its associated char-
acter is at the bottom of the RX_FIFO. This bit is cleared upon read.
1OE
Overrun Error. In UART, Sharp-IR, and SIR modes, this bit is set to 1 as soon as an over-
run condition is detected by the receiver. It is cleared upon read.
FIFOs Disabled: An overrun occurs when a new character is completely received into the
receiver front end section and the CPU has not yet read the previous character in the
receiver holding register. The new character overwrites the previous character in the
receiver holding register.
FIFOs Enabled: An overrun occurs when a new character is completely received into the
receiver front end section and the RX_FIFO is full. The new character is discarded, and the
RX_FIFO is not affected.
0RXDA
Receiver Data Available. This bit is set to 1 when the receiver holding register is full. If the
FIFOs are enabled, this bit is set when at least one character is in the RX_FIFO. It is
cleared when the CPU reads all the data in the holding register or the RX_FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com