Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 376 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 376 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 372Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 373Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 374Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 375Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 376Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 377Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 378Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 379Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 380Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 555 page
background image
www.national.com
376
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
5.12.3.5
Modem/Mode Control Register (MCR)
MCR controls the virtual interface with the modem or data communications set in loopback mode, and the device opera-
tional mode when the device is in the extended mode. This register function differs for extended and non-extended modes.
Modem control pins are not available and are replaced with the virtual interface (except RTS and DTR signals) controlled by
software only through MSR_UART[x]_MOD (see Section 5.12.1.1 on page 363).
MCR, Extended Mode (EXCR1.EXT_SL = 1)
In extended mode, this register is used to select the operation mode (IrDA, Sharp, etc.) of the device and enable the DMA
interface. In these modes, the interrupt output signal is always enabled, and loopback can be enabled by setting bit 4 of
EXCR1. Bits 2 to 7 should always be initialized when the operation mode is changed from non-extended to extended.
I/O Offset
04h
Type
R/W
Reset Value
00h
MCR Extended Mode Register Map
76
54
32
10
MDSL[2:0]
RSVD
TX_DFR
DMA_EN
RTS
DTR
MCR Extended Mode Bit Descriptions
Bit
Name
Description
7:5
MDSL[2:0]
Mode Select [2:0]. These bits select the operation mode of the functional block when in
extended mode. When the mode is changed, the TX_FIFO and RX_FIFOs are flushed,
Link Status and Modem Status Interrupts are cleared, and all of the bits in the Auxiliary
Status and Control register are cleared.
000: UART (Default)
001: Reserved
010: Sharp-IR
011: SIR
100: Reserved
101: Reserved
110: CEIR
111: Reserved
4
RSVD
Reserved. Write as 0.
3TX_DFR
Transmit Deferral. For a detailed description of the transmit deferral see Section 4.11.1.6
"Transmit Deferral" on page 130. This bit is effective only if the TX_FIFO is enabled (FCR
bit 0 = 1).
0: No transmit deferral enabled. (Default.)
1: Transmit deferral enabled.
2DMA_EN
DMA Enable. When set to1, DMA mode of operation is enabled. When DMA is selected,
transmit and/or receive interrupts should be disabled to avoid spurious interrupts. DMA
cycles always address the Data Holding registers or FIFOs, regardless of the selected
bank.
0: DMA mode disabled. (Default.)
1: DMA mode enabled.
1RTS
Request To Send. When loopback is enabled (bit 4 of EXCR1 = 1, Bank 2, I/O Offset
02h), this bit internally drives both CTS and DCD. Otherwise it is unused.
0DTR
Data Terminal Ready. When loopback is enabled (bit 4 of EXCR1 = 1, Bank 2, I/O Offset
02h), this bit internally drives both DSR and RI. Otherwise it is unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com