Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 377 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 377 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 373Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 374Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 375Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 376Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 377Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 378Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 379Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 380Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 381Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 555 page
background image
Revision 0.8
377
www.national.com
UART/IR Controller Register Descriptions (Continued)
MCR, Non-Extended Mode (EXCR1.EXT_SL = 0)
5.12.3.6
Link Status Register (LSR)
LSR provides status information concerning data transfer. Upon reset, this register assumes the value of 60h. The bit defi-
nitions change depending upon the operation mode of the functional block.
Bits 1 to 4 of the LSR indicate link status events. These bits are sticky (accumulate any conditions occurred since the last
time the register was read). They are cleared when one of the following events occur:
• Hardware reset
• Receiver soft reset (via the FIFO Control register)
• LSR register read
The LSR is intended for read operations only. Writing to the LSR is not permitted.
MCR Non-Extended Mode Register Map
76
54
32
10
RSVD
LOOP
ISEN or DCDLP
RILP
RTS
DTR
MCR Non-Extended Mode Bit Descriptions
Bit
Name
Description
7:5
RSVD
Reserved. Must written as 0.
4LOOP
Loopback Enable. This bit accesses the same internal register as LOOP (bit 4) of the
EXCR1 register. (See Section 5.12.5.2 on page 383 for more information on Loopback
mode).
0: Loopback disabled. (Default.)
1: Loopback enabled.
3
ISEN or
DCDLP
Interrupt Signal Enable or DCD Loopback. In normal operation (standard 16450 or 16550)
mode, this bit controls the interrupt signal and must be set to 1 in order to enable the inter-
rupt request signal. In loopback mode, this bit internally drives DCD, and the interrupt signal
is always enabled.
2RILP
Ring Indicator in Loopback. When loopback is enabled, this bit internally drives RI. Other-
wise, it is unused.
1RTS
Request To Send. When loopback is enabled, this bit drives CTS internally. Otherwise, it is
unused.
0DTR
Data Terminal Ready.When loopback is enabled, this bit internally drives DSR. Otherwise, it
is unused.
I/O Offset
05h
Type
RO
Reset Value
60h
LSR Register Map
76
54
32
10
ER_INF
TXEMP
TXRDY
BRK
FE
PE
OE
RXDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com