Electronic Components Datasheet Search
  English  ▼

X  

LXT6155 Datasheet(PDF) 14 Page - Intel Corporation

Part # LXT6155
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155 Datasheet(HTML) 14 Page - Intel Corporation

Back Button LXT6155 Datasheet HTML 10Page - Intel Corporation LXT6155 Datasheet HTML 11Page - Intel Corporation LXT6155 Datasheet HTML 12Page - Intel Corporation LXT6155 Datasheet HTML 13Page - Intel Corporation LXT6155 Datasheet HTML 14Page - Intel Corporation LXT6155 Datasheet HTML 15Page - Intel Corporation LXT6155 Datasheet HTML 16Page - Intel Corporation LXT6155 Datasheet HTML 17Page - Intel Corporation LXT6155 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
14
Datasheet
Figure 2. LXT6155 System Interface
2.1.2.1
CMI Encoding
Coded Mark Inversion (CMI) is an encoding scheme adopted by SONET STS-3 and SDH STM1
standards. CMI encoding guarantees at least one transition per bit, thereby enhancing the clock
recovery process. CMI encodes a “0” with a midpoint positive transition, and a “1” as Low or
High, in opposite polarity to the previous encoded “1”. Refer to Figures 6, 24 and 25 for encoding
and pulse template information.
2.1.3
Tx Clock Monitoring
The LXT6155 provides transmit clock monitoring for both serial and parallel operating modes.
When using the crystal clock as a reference, the LXT6155 monitors the TSICLKP/TSICLKN or the
TPICLK input(s) for transitions. If no transition is seen within 200ns, the tx_clk_alarm flag will be
set (reg #15) and the transmitter outputs ttip1/tring1 or ttip0/tring0 will stop sending data to the line.
This condition will remain until the LXT6155 detects clock transitions at the transmitter input(s)
TSICLKP/TSICLKNorTPICLK. Transmit clockmonitoring canbe disabledinsoftware mode
only.
In remote loopback, transmit clock monitoring is disabled in SW and HW mode. In SW mode, when
using transmit clocks as the receive PLL reference, the user must disable transmit clock monitoring
by setting reg#1bit <0> low.
2.2
Receiver
2.2.1
Analog Front End and Timing Recovery
2.2.1.1
CMI Mode
Received data on RTIP/RRING goes through an adaptive equalizer. An adaptive
equalizer and
adaptive Automatic Gain Control (AGC) compensate the frequency-and-cable length dependent
loss in data signal, and reshapes the signal to the optimal waveform. A Phase Locked Loop (PLL)
Tx
Rx
µ Processor
(optional)
LXT6155
4
Fiber Optic Modules
or Coax Transformers
2
2
SONET/SDH
Overhead
Terminator
ATM UNI
1
2
1
2
Data/Clock (8-bit parallel or serial mode)
Data/Clock (8-bit parallel or serial mode)
Receive Output Frame Pulse (ROFP)
Receive Ouput PLL Lock (LOCK)
Loss of Signal (LOS)
System Interface
Line Interface
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com