Electronic Components Datasheet Search
  English  ▼

X  

LXT6155 Datasheet(PDF) 45 Page - Intel Corporation

Part # LXT6155
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155 Datasheet(HTML) 45 Page - Intel Corporation

Back Button LXT6155 Datasheet HTML 41Page - Intel Corporation LXT6155 Datasheet HTML 42Page - Intel Corporation LXT6155 Datasheet HTML 43Page - Intel Corporation LXT6155 Datasheet HTML 44Page - Intel Corporation LXT6155 Datasheet HTML 45Page - Intel Corporation LXT6155 Datasheet HTML 46Page - Intel Corporation LXT6155 Datasheet HTML 47Page - Intel Corporation LXT6155 Datasheet HTML 48Page - Intel Corporation LXT6155 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
Datasheet
45
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
Figure 27. Generation Measurement Filter Characteristics
Table 33. Jitter Generation
Signal
f1
f2
Measured Jitter
OC3
12 kHz
1.3 MHz
0.01 UI rms
0.1 UIpp
STM1
500 Hz
1.3 MHz
1.5 UIpp
65 kHz
1.3 MHz
0.075 UIpp
Table 34. Jitter Transfer
Signal
f1
A1
Unit
OC3
230 kHz
0.4
dB
STM1
230 kHz
0.4
dB
f1
f2
0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com