Electronic Components Datasheet Search
  English  ▼

X  

LXT6155 Datasheet(PDF) 4 Page - Intel Corporation

Part # LXT6155
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155 Datasheet(HTML) 4 Page - Intel Corporation

  LXT6155 Datasheet HTML 1Page - Intel Corporation LXT6155 Datasheet HTML 2Page - Intel Corporation LXT6155 Datasheet HTML 3Page - Intel Corporation LXT6155 Datasheet HTML 4Page - Intel Corporation LXT6155 Datasheet HTML 5Page - Intel Corporation LXT6155 Datasheet HTML 6Page - Intel Corporation LXT6155 Datasheet HTML 7Page - Intel Corporation LXT6155 Datasheet HTML 8Page - Intel Corporation LXT6155 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
4
Datasheet
3.0
Register Definitions ................................................................................................ 26
4.0
Application Information.........................................................................................33
4.1
Fiber Optic Module Interface ............................................................................... 33
4.2
Coax Interface ..................................................................................................... 33
5.0
Test Specifications.................................................................................................. 37
6.0
Mechanical Specifications ................................................................................... 48
7.0
Notes ............................................................................................................................. 49
Figures
1
LXT6155 Pin Assignments
................................................................................. 8
2
LXT6155 System Interface.................................................................................. 14
3
Framing State...................................................................................................... 16
4
Criteria for LOS Output ....................................................................................... 16
5
Receive Frame Synchronization and Frame Pulse Position ............................... 17
6
Example of CMI Encoded Binary Signal ............................................................. 17
7
Hardware Mode................................................................................................... 20
8
Software Mode .................................................................................................... 23
9
Serial Data Output Word Structure (Read Cycle: R/W=High) ............................. 23
10
Serial Data Input Word Structure (Write Cycle: R/W = Low)............................... 23
11
Serial Interface .................................................................................................... 24
12
Parallel Interface ................................................................................................. 24
13
Local Loopback ................................................................................................... 25
14
Remote Loopback ............................................................................................... 25
15
Rx Digital 2, Register #13 (Address A<3:0>=11001) .......................................... 31
16
3.3 V LVPECL to 3.3 V LVPECL Interface .......................................................... 34
17
75 W Coax Cable Interface ................................................................................. 35
18
Transmit Parallel Input Data Timing (See Table 28) ........................................... 38
19
Transmit Serial Input Data Timing (See Table 28) .............................................. 38
20
Receive Serial Output Data Timing (See Table 30) ............................................ 40
21
Receive Parallel Output Data Timing (See Table 30) ......................................... 40
22
Microprocessor Input Timing Diagram ................................................................ 42
23
Microprocessor Output Timing Diagram ............................................................. 42
24
CMI Encoded Zero per G.703 and STS-3 ........................................................... 43
25
CMI Encoded One per G.703 and STS-3 ........................................................... 43
26
Jitter Tolerance ................................................................................................... 44
27
Generation Measurement Filter Characteristics................................................. 45
28
Typical Coax Jitter Transfer ................................................................................ 46
29
Typical Fiber Jitter Transfer ............................................................................... 47
30
LXT6155LE Package Specification ..................................................................... 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com