Electronic Components Datasheet Search
  English  ▼

X  

AD7143 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7143
Description  Programmable Controller for Capacitance Touch Sensors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7143 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7143 Datasheet HTML 12Page - Analog Devices AD7143 Datasheet HTML 13Page - Analog Devices AD7143 Datasheet HTML 14Page - Analog Devices AD7143 Datasheet HTML 15Page - Analog Devices AD7143 Datasheet HTML 16Page - Analog Devices AD7143 Datasheet HTML 17Page - Analog Devices AD7143 Datasheet HTML 18Page - Analog Devices AD7143 Datasheet HTML 19Page - Analog Devices AD7143 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
AD7143
Rev. 0 | Page 16 of 56
Low Power Mode CDC Conversion Sequence Time
with Delay
The frequency of each CDC conversion while operating in the
low power automatic wake-up mode is controlled by using the
LP_CONV_DELAY register located at Address 0x000[3:2], in
addition to the registers listed in Table 8.
This feature provides some flexibility for optimizing the
conversion time to meet system requirements vs. AD7143
power consumption. For example, maximum power savings is
achieved when the LP_CONV_DELAY register is set to 3. With
a setting of 3, the AD7143 automatically wakes up, performing a
conversion every 800 ms.
Table 9. LP_CONV_DELAY Settings
LP_CONV_DELAY Bits
Delay Between Conversions
00
200 ms
01
400 ms
10
600 ms
11
800 ms
Figure 26 shows a simplified timing example of the low power
CDC conversion time. As shown, the low power CDC
conversion time is set by tCONV_FP and the LP_CONV_DELAY
register.
CONVERSION
SEQUENCE N
CONVERSION
SEQUENCE N + 1
CDC
CONVERSION
LP_CONV_DELAY
tCONV_LP
tCONV_FP
Figure 26. Low Power Mode CDC Conversion Sequence Time
CDC CONVERSION RESULTS
Certain high-resolution sensors require the host to read back
the CDC conversion results for processing. The registers
required for host processing are located in the Bank 3 registers.
The host processes the data readback from these registers using
a software algorithm to determine position information. In
addition to the results registers in the Bank 3 registers, the
AD7143 provides the 16-bit CDC output data directly starting
at Address 0x00B of Bank 1. Reading back the CDC 16-bit
conversion data register allows for customer-specific application
data processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com