Electronic Components Datasheet Search
  English  ▼

X  

AD7143 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7143
Description  Programmable Controller for Capacitance Touch Sensors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7143 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7143 Datasheet HTML 17Page - Analog Devices AD7143 Datasheet HTML 18Page - Analog Devices AD7143 Datasheet HTML 19Page - Analog Devices AD7143 Datasheet HTML 20Page - Analog Devices AD7143 Datasheet HTML 21Page - Analog Devices AD7143 Datasheet HTML 22Page - Analog Devices AD7143 Datasheet HTML 23Page - Analog Devices AD7143 Datasheet HTML 24Page - Analog Devices AD7143 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
AD7143
Rev. 0 | Page 21 of 56
NOTES
1. SLOW FILTER EN IS SET AND SW1 IS CLOSED WHEN |STAGE_SF_WORD 0 TO STAGE_SF_WORD 1| EXCEEDS THE VALUE PROGRAMMED IN THE
SLOW_FILTER_UPDATE_LVL REGISTER PROVIDING PROXIMITY IS NOT SET.
2. PROXIMITY 1 IS SET WHEN |STAGE_FF_WORD 0 TO STAGE_FF_WORD 3| EXCEEDS THE VALUE PROGRAMMED IN THE
PROXIMITY_DETECTION_RATE REGISTER.
3. PROXIMITY 2 IS SET WHEN |AVERAGE–AMBIENT| EXCEEDS THE VALUE PROGRAMMED IN THE PROXIMITY_RECAL_LVL REGISTER.
4. DESCRIPTION OF COMPARATOR FUNCTIONS:
COMPARATOR 1: USED TO DETECT WHEN A USER IS APPROACHING OR LEAVING A SENSOR.
COMPARATOR 2: USED TO DETECT WHEN A USER IS HOVERING OVER A SENSOR, OR APPROACHING A SENSOR VERY SLOWLY.
ALSO USED TO DETECT IF THE SENSOR AMBIENT LEVEL HAS CHANGED AS A RESULT OF THE USER INTERACTION.
FOR EXAMPLE, HUMIDITY OR DIRT LEFT BEHIND ON SENSOR.
COMPARATOR 3: USED TO ENABLE THE SLOW FILTER UPDATE RATE. THE SLOW FILTER IS UPDATED WHEN SLOW FILTER EN IS SET AND
PROXIMITY
IS NOT SET.
BANK 3 REGISTERS
SW1
PROXIMITY
SLOW_FILTER_EN
STAGE_SF_WORD0
STAGE_SF_WORD1
STAGE_SF_WORD2
STAGE_SF_WORD3
STAGE_SF_WORD4
STAGE_SF_WORD5
STAGE_SF_WORD6
STAGE_SF_WORD7
STAGE_FF_WORD0
STAGE_FF_WORD1
STAGE_FF_WORD2
STAGE_FF_WORD3
STAGE_FF_WORD4
STAGE_FF_WORD5
STAGE_FF_WORD6
STAGE_FF_WORD7
8
7
ΣWORD(N)
N
= 0
COMPARATOR 3
WORD0 TO WORD1
SLOW_FILTER_UPDATE_LVL
REGISTER 0x003
STAGE_SF_AMBIENT
BANK 3 REGISTERS
STAGE_FF_AVG
BANK 3 REGISTERS
16
CDC
COMPARATOR 1
|WORD0 TO WORD3|
PROXIMITY_DETECTION_RATE
REGISTER 0x003
COMPARATOR 2
|AVERAGE–AMBIENT|
PROXIMITY_RECAL_LVL
REGISTER 0x003
PROXIMITY 1
PROXIMITY
LP_PROXIMITY_CNT
REGISTER 0x002
FP_PROXIMITY_CNT
REGISTER 0x002
LP_PROXIMITY_RECAL
REGISTER 0x004
FP_PROXIMITY_RECAL
REGISTER 0x004
PROXIMITY TIMING
CONTROL LOGIC
TIME
AMBIENT
VALUE
STAGE_SF_WORDx
STAGE_FF_WORDx
SENSOR
CONTACT
Figure 31. AD7143 Proximity Detection and Environmental Calibration
BANK 3 REGISTERS
STAGE_MAX_WORD0
STAGE_MAX_WORD1
STAGE_MAX_WORD2
STAGE_MAX_WORD3
STAGE_MIN_WORD0
STAGE_MIN_WORD1
STAGE_MIN_WORD2
STAGE_MIN_WORD3
STAGE_MAX_AVG
BANK 3 REGISTERS
STAGE_MAX_TEMP
BANK 3 REGISTERS
STAGE_HIGH_THRESHOLD
BANK 3 REGISTERS
STAGE_MIN_AVG
BANK 3 REGISTERS
STAGE_MIN_AVG
BANK 3 REGISTERS
STAGE_LOW_THRESHOLD
BANK 3 REGISTERS
BANK 3 REGISTERS
MAX LEVEL
DETECTION
LOGIC
MIN LEVEL
DETECTION
LOGIC
16
Σ-Δ
16-BIT
CDC
Figure 32. AD7143 Maximum and Minimum Level Detection Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com