Electronic Components Datasheet Search
  English  ▼

X  

MIT-W102 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # MIT-W102
Description  10" Medical-Grade Tablet with Intel® Pentium® Processor and PCAP Touchscreen
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIT-W102 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  MIT-W102 Datasheet HTML 1Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 2Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 3Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 4Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 5Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 6Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 7Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Medical-Grade Tablet
MIT-W102
Ordering Information
Part Number
Description
Memory
NFC
F/R Cameras
MIT-W102-Q04D0A00E
Intel N4200 processor, 4GB DDR memory, 64GB SSD, white, Windows 10
4GB
N/A
N/A
MIT-W102-Q08DNA01E Intel N4200 processor, 8GB DDR memory, 128GB SSD, NFC reader, camera, white, Windows 10
8GB
Yes
Yes
System Layout
Docking connector
Speaker
Pogo pin
connector
Programmable keys
Front camera
NFC reader
Microphone
Power button
Rear camera
Micro HDMI
USB 3.0
USB 2.0
Combo audio
Peripheral Ordering Information
Part Number
Description
1702002600
Power Cord UL 3P 10A 125V 183cm (USA)
1700000237
Power Cord PSE 3P 12A 125V 183cm (Japan)
1700000596-11
Power Cord CCC 3P 10A 250V 183cm (China)
1702031836
Power Cord SAA 3P 10A 250V 183cm (NZ/AU)
1700018704
Power Cord BSI 3P 10A 250V 180cm (UK)
1702002605
Power Cord EU 3P 10A 250V 183cm 90°(EU)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com