Electronic Components Datasheet Search
  English  ▼

X  

MIT-W102 Datasheet(PDF) 6 Page - Advantech Co., Ltd.

Part # MIT-W102
Description  10" Medical-Grade Tablet with Intel® Pentium® Processor and PCAP Touchscreen
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIT-W102 Datasheet(HTML) 6 Page - Advantech Co., Ltd.

  MIT-W102 Datasheet HTML 1Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 2Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 3Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 4Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 5Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 6Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 7Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.advantech.com/products
Online Download
Features
Desktop Docking Station
ƒ
Reliable docking connector with LED indicator for connectivity
ƒ
Equipped with a variety of I/O for easy integration
ƒ
Additional battery charging station provided
Specifications
Model Name
MIT-W102 Desk Docking Station
Color
White
Dimensions (H x W x D)
260.8 x 185 x 103.8 mm/10.26 x 7.28 x 4.08 in
Weight
1 kg/2.2 lb
I/O
1 x LAN, 1 x VGA, 1 x COM, 2 x USB 2.0
Power Input
19V, 3.15A max.
I/O
Front
Rear
Ordering Information
Part Number
Description
Color
MIT-W102-ACCDS001E
MIT-W102 desk docking station
White
1 x Locking mechanism 1 x Microphone jack
1 x Earphone jack
Connection indicator
Battery status indicator
1 x USB 2.0
1 x Battery
charging bay
1 x COM
1 x VGA
1 x Power jack 1 x USB 2.0
1 x LAN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com