Electronic Components Datasheet Search
  English  ▼

X  

MIT-W102 Datasheet(PDF) 7 Page - Advantech Co., Ltd.

Part # MIT-W102
Description  10" Medical-Grade Tablet with Intel® Pentium® Processor and PCAP Touchscreen
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIT-W102 Datasheet(HTML) 7 Page - Advantech Co., Ltd.

  MIT-W102 Datasheet HTML 1Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 2Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 3Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 4Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 5Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 6Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 7Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Medical-Grade Tablet
MIT-W102 Accessories
3-in-1 Multifunctional stand
Rubber bumper
Part Number
MIT-W101-ACCVB001E
MIT-W101-ACCBH000E
Color
Silver + black
Black
Dimensions (H x W x D)
276.6 x 175.5 x 9 mm/10.88 x 6.9 x 0.35 in
220 x 47 x 30 mm/8.66 x 1.85 x 1.18 in
Weight
210 g/0.46 lb
172 g/0.38 lb
Description
VESA mount (75 x 75 mm)
Rubber bumper with hand strap



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com