Electronic Components Datasheet Search
  English  ▼

X  

MCP65R41 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP65R41
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R41 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP65R41 Datasheet HTML 15Page - Microchip Technology MCP65R41 Datasheet HTML 16Page - Microchip Technology MCP65R41 Datasheet HTML 17Page - Microchip Technology MCP65R41 Datasheet HTML 18Page - Microchip Technology MCP65R41 Datasheet HTML 19Page - Microchip Technology MCP65R41 Datasheet HTML 20Page - Microchip Technology MCP65R41 Datasheet HTML 21Page - Microchip Technology MCP65R41 Datasheet HTML 22Page - Microchip Technology MCP65R41 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
 2010-2020 Microchip Technology Inc.
DS20002269C-page 19
MCP65R41/6
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
3.1
Analog Inputs
The comparator noninverting and inverting inputs are
high-impedance CMOS inputs with low bias currents.
3.2
Digital Outputs
The comparator outputs are CMOS/TTL compatible
push-pull and open-drain digital outputs. The push-pull
is designed to directly interface to a CMOS/TTL com-
patible pin while the open-drain output is designed for
level shifting and wired-OR interfaces.
3.3
Analog Outputs
The VREF Output pin outputs a reference voltage of
1.21V or 2.4V.
3.4
Power Supply (VSS and VDD)
The positive power supply pin (VDD) is 1.8V to 5.5V
higher than the negative power supply pin (VSS). For
normal operation, the other pins are at voltages
between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need a local bypass capacitor (typically 0.01 µF to
0.1 µF) within 2 mm of the VDD pin. These can share a
bulk capacitor with the nearby analog parts (within
100 mm), but it is not required.
TABLE 3-1:
PIN FUNCTION TABLE
MCP65R41/6
Symbol
Description
SOT23-6
1
OUT
Digital Output
2VSS
Ground
3VIN+
Noninverting Input
4VIN–
Inverting Input
5VREF
Reference Voltage Output
6VDD
Positive Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com