Electronic Components Datasheet Search
  English  ▼

X  

MCP65R41 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP65R41
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R41 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP65R41 Datasheet HTML 27Page - Microchip Technology MCP65R41 Datasheet HTML 28Page - Microchip Technology MCP65R41 Datasheet HTML 29Page - Microchip Technology MCP65R41 Datasheet HTML 30Page - Microchip Technology MCP65R41 Datasheet HTML 31Page - Microchip Technology MCP65R41 Datasheet HTML 32Page - Microchip Technology MCP65R41 Datasheet HTML 33Page - Microchip Technology MCP65R41 Datasheet HTML 34Page - Microchip Technology MCP65R41 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
 2010-2020 Microchip Technology Inc.
DS20002269C-page 31
MCP65R41/6
APPENDIX A: REVISION HISTORY
Revision C (June 2020)
The following is the list of modifications:
1.
Updated DC Characteristics.
2.
Updated Figure 2-25 in Section 2.0, Typical
Performance Curves.
3.
Updated Section 4.2, Push-Pull Output.
Revision B (September 2011)
The following modification was made to this document:
• Updated the DC Characteristics table.
Revision A (December 2010)
• Original release of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com