Electronic Components Datasheet Search
  English  ▼

X  

MCP65R41 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP65R41
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R41 Datasheet(HTML) 3 Page - Microchip Technology

  MCP65R41 Datasheet HTML 1Page - Microchip Technology MCP65R41 Datasheet HTML 2Page - Microchip Technology MCP65R41 Datasheet HTML 3Page - Microchip Technology MCP65R41 Datasheet HTML 4Page - Microchip Technology MCP65R41 Datasheet HTML 5Page - Microchip Technology MCP65R41 Datasheet HTML 6Page - Microchip Technology MCP65R41 Datasheet HTML 7Page - Microchip Technology MCP65R41 Datasheet HTML 8Page - Microchip Technology MCP65R41 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2010-2020 Microchip Technology Inc.
DS20002269C-page 3
MCP65R41/6
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings†
VDD - VSS ....................................................................... 7.0V
All other inputs and outputs ..........VSS – 0.3V to VDD + 0.3V
Difference Input voltage ......................................|VDD - VSS|
Output Short Circuit Current .................................... ±25 mA
Current at Input Pins .................................................. ±2 mA
Current at Output and Supply Pins .......................... ±50 mA
Storage temperature ................................... -65°C to +150°C
Ambient temperature with power applied.... -40°C to +125°C
Junction temperature ................................................ +150°C
ESD protection on all pins (HBM/MM)
4 kV/200V
ESD protection on MCP65R46 OUT pin (HBM/MM).............
4 kV/175V
†Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
DC CHARACTERISTICS
Unless otherwise indicated, all limits are specified for: VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C,
VIN+ =VDD/2, VIN- = VSS, RL =100 k to VDD/2 (MCP65R41 only), and RPull-Up = 2.74 k to VDD (MCP65R46 only).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Supply
Supply Voltage
VDD
1.8
—
5.5
V
Quiescent Current per Comparator
IQ
—2.5
4
µA
IOUT = 0
Input
Input Voltage Range
VCMR
VSS0.3
—
VDD+0.3
V
Common-Mode Rejection Ratio
VDD = 5V
CMRR
55
70
—
dB
VCM = -0.3V to 5.3V
50
65
—
dB
VCM = 2.5V to 5.3V
55
70
—
dB
MCP65R41,
VCM = -0.3V to 2.5V
50
70
—
dB
MCP65R46,
VCM = -0.3V to 2.5V
Power Supply Rejection Ratio
PSRR
63
80
—
dB
VCM = VSS
Input Offset Voltage
VOS
-10
±3
+10
mV
VCM = VSS (Note 1)
Drift with Temperature
VOS/T
—
±10
—
µV/°C VCM = VSS
Input Hysteresis Voltage
VHYST
13.3
5
mV
VCM = VSS (Note 1)
Drift with Temperature
VHYST/T
—
6
—
µV/°C VCM = VSS
Drift with Temperature
VHYST/T2
—
5
—
µV/°C2 VCM = VSS
Input Bias Current
IB
—1
—
pA
VCM = VSS
TA = +85°C
IB
—50
—
pA
VCM = VSS
TA = +125°C
IB
—
—
5000
pA
VCM = VSS
Input Offset Current
IOS
—
±1
—
pA
VCM= VSS
Common Mode/
Differential Input Impedance
ZCM/ZDIFF
—1013||4
—
||pF
Note 1:
The input offset voltage is the center (average) of the input-referred trip points. The input hysteresis is the
difference between the input-referred trip points.
2:
Limit the output current to Absolute Maximum Rating of 50 mA.
3:
Do not short the output of the MCP65R46 comparators above VSS + 10V.
4:
The low-power reference voltage pin is designed to drive small capacitive loads. See Section 4.5.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com