Electronic Components Datasheet Search
  English  ▼

X  

MIC4605 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC4605
Description  85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4605 Datasheet(HTML) 3 Page - Microchip Technology

  MIC4605 Datasheet HTML 1Page - Microchip Technology MIC4605 Datasheet HTML 2Page - Microchip Technology MIC4605 Datasheet HTML 3Page - Microchip Technology MIC4605 Datasheet HTML 4Page - Microchip Technology MIC4605 Datasheet HTML 5Page - Microchip Technology MIC4605 Datasheet HTML 6Page - Microchip Technology MIC4605 Datasheet HTML 7Page - Microchip Technology MIC4605 Datasheet HTML 8Page - Microchip Technology MIC4605 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
 2018-2019 Microchip Technology Inc.
DS20005853E-page 3
MIC4605
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage (VDD, VHB – VHS) ............................................................................................................... -0.3V to +18V
Input Voltages (VLI, VHI, VEN) ............................................................................................................-0.3V to VDD + 0.3V
Voltage on LO (VLO)...........................................................................................................................-0.3V to VDD + 0.3V
Voltage on HO (VHO).................................................................................................................VHS – 0.3V to VHB + 0.3V
Voltage on HS (Continuous)........................................................................................................................ -0.3V to +90V
Voltage on HB .........................................................................................................................................................+108V
Average Current in VDD to HB Diode ....................................................................................................................100 mA
ESD Rating (Note 1)......................................................................................................................HBM: 1 kV; MM: 200V
Operating Ratings‡
Supply Voltage (VDD) [Decreasing VDD] .................................................................................................. +5.25V to +16V
Supply Voltage (VDD) [Increasing VDD] ...................................................................................................... +5.5V to +16V
Voltage on HS ............................................................................................................................................. -0.3V to +85V
Voltage on HS (Repetitive Transient < 5 µs) .................................................................................................. -2V to +90V
HS Slew Rate........................................................................................................................................................ 50 V/ns
Voltage on HB .................................................................................................................................................. VHS + VDD
and/or ....................................................................................................................................... VDD – 1V to VDD + 85V
Note 1:
Devices are ESD-sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
† Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational sections of this specification is not intended. Exposure to maxi-
mum rating conditions for extended periods may affect device reliability. Specifications are for packaged
product only.
‡ Notice:
The device is not ensured to function outside its operating ratings.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
Unless otherwise indicated: VDD = VHB = 12V; VSS = VHS = 0V; No load on LO or HO;
TA = +25°C. Bold values indicate -40°C ≤ TJ ≤ +125°C.(1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Current
VDD Quiescent Current
IDD
—
100
250
µA
LI = HI = 0V
VDD Shutdown Current
IDDSH
—2.2
10
µA
EN = 0V with HS = floating
—25
50
EN = 0V
VDD Operating Current
IDDO
—
170
500
µA
f = 20 kHz
Total HB Quiescent Current
IHB
—35
75
µA
LI = HI = 0V or LI = 0V and HI = 5V
Total HB Operating Current
IHBO
—50
400
µA
f = 20 kHz
HB to VSS Quiescent Current
IHBS
—0.05
5
µA
VHS = VHB = 90V
HB to VSS Operating Current
IHBSO
—30
300
µA
f = 20 kHz
Input (TTL: LI, HI, EN) (Note 2)
Low-Level Input Voltage
VIL
——
0.8
V
High-Level Input Voltage
VIH
2.2
——
V
Input Voltage Hysteresis
VHYS
—0.1
—
V
Note 1:
Specifications are for packaged product only.
2:
VIL(MAX) = maximum positive voltage applied to the input which will be accepted by the device as a logic low.
VIH(MIN) = minimum positive voltage applied to the input which will be accepted by the device as a logic high.
3:
Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com