Electronic Components Datasheet Search
  English  ▼

X  

MIC4605 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4605
Description  85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4605 Datasheet(HTML) 4 Page - Microchip Technology

  MIC4605 Datasheet HTML 1Page - Microchip Technology MIC4605 Datasheet HTML 2Page - Microchip Technology MIC4605 Datasheet HTML 3Page - Microchip Technology MIC4605 Datasheet HTML 4Page - Microchip Technology MIC4605 Datasheet HTML 5Page - Microchip Technology MIC4605 Datasheet HTML 6Page - Microchip Technology MIC4605 Datasheet HTML 7Page - Microchip Technology MIC4605 Datasheet HTML 8Page - Microchip Technology MIC4605 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MIC4605
DS20005853E-page 4
 2018-2019 Microchip Technology Inc.
Input Pull-Down Resistance
RI
100
300
500
kΩ
LI and HI
50
130
250
PWM
Undervoltage Protection
VDD Falling Threshold
VDDF
4.0
4.4
4.9
V
VDD Threshold Hysteresis
VDDH
—0.25
—
V
HB Falling Threshold
VHBF
4.0
4.4
4.9
V
HB Threshold Hysteresis
VHBH
—0.25
—
V
Bootstrap Diode
Low-Current Forward Voltage
VDL
—0.4
0.70
VIVDD-HB = 100 µA
High-Current Forward Voltage
VDH
—0.7
1.0
VIVDD-HB = 50 mA
Dynamic Resistance
RD
—2.0
5.0
Ω
IVDD-HB = 50 mA
LO Gate Driver
Low-Level Output Voltage
VOLL
—0.3
0.6
VILO = 50 mA
High-Level Output Voltage
VOHL
—0.5
1.0
VILO = -50 mA, VOHL = VDD – VLO
Peak Sink Current
IOHL
—1
—
A
VLO = 0V (Note 3)
Peak Source Current
IOLL
—1
—
A
VLO = 12V (Note 3)
HO Gate Driver
Low-Level Output Voltage
VOLH
—0.3
0.6
VIHO = 50 mA
High-Level Output Voltage
VOHH
—0.5
1.0
VIHO = -50 mA, VOHH = VHB – VHO
Peak Sink Current
IOHH
—1
—
A
VHO = 0V (Note 3)
Peak Source Current
IOLH
—1
—
A
VHO = 12V (Note 3)
Switching Specifications (LI/HI mode with inputs non-overlapping, assumes HS low before LI goes high and
LO low before HI goes high)
Lower Turn-Off Propagation
Delay (LI Falling to LO Falling)
tLPHL
—35
75
ns
Upper Turn-Off Propagation
Delay (HI Falling to HO Falling)
tHPHL
—35
75
ns
Lower Turn-On Propagation
Delay (LI Rising to LO Rising)
tLPLH
—35
75
ns
Upper Turn-On Propagation
Delay (HI Rising to HO Rising)
tHPLH
—35
75
ns
Output Rise/Fall Time
tRC/FC
—20
—
ns
CL = 1000 pF
Output Rise/Fall Time (3V to 9V)
tR/F
—0.8
—
µs
CL = 0.1 µF (Note 3)
Minimum Input Pulse Width that
Changes the Output
tPW
—50
—
ns
Notes 2, 3
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
Unless otherwise indicated: VDD = VHB = 12V; VSS = VHS = 0V; No load on LO or HO;
TA = +25°C. Bold values indicate -40°C ≤ TJ ≤ +125°C.(1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specifications are for packaged product only.
2:
VIL(MAX) = maximum positive voltage applied to the input which will be accepted by the device as a logic low.
VIH(MIN) = minimum positive voltage applied to the input which will be accepted by the device as a logic high.
3:
Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com