Electronic Components Datasheet Search
  English  ▼

X  

MIC4605 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC4605
Description  85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4605 Datasheet(HTML) 1 Page - Microchip Technology

  MIC4605 Datasheet HTML 1Page - Microchip Technology MIC4605 Datasheet HTML 2Page - Microchip Technology MIC4605 Datasheet HTML 3Page - Microchip Technology MIC4605 Datasheet HTML 4Page - Microchip Technology MIC4605 Datasheet HTML 5Page - Microchip Technology MIC4605 Datasheet HTML 6Page - Microchip Technology MIC4605 Datasheet HTML 7Page - Microchip Technology MIC4605 Datasheet HTML 8Page - Microchip Technology MIC4605 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2018-2019 Microchip Technology Inc.
DS20005853E-page 1
MIC4605
Features
• 5.5V to 16V Gate Drive Supply Voltage Range
• Advanced Adaptive Dead Time
• Intelligent Shoot-Through Protection:
- MIC4605-1: Dual TTL inputs
- MIC4605-2: Single PWM input
• Enable Input for On/Off Control
• On-Chip Bootstrap Diode
• Fast 35 ns Propagation Times
• Drives 1000 pF Load with 20 ns Rise and
Fall Times
• Low-Power Consumption: 135 µA Quiescent
Current
• Separate High-Side and Low-Side Undervoltage
Protection
• -40°C to +125°C Junction Temperature Range
• AEC-Q100 Qualified for the SOIC Package
Applications
•Fans
• Power Inverters
• High-Voltage Step-Down Regulators
• Half, Full and 3-Phase Bridge Motor Drives
• Appliances
•E-Bikes
• Automotive Applications
General Description
The MIC4605 is an 85V half-bridge MOSFET driver
that features adaptive dead time and shoot-through
protection. The adaptive dead-time circuitry actively
monitors the half-bridge outputs to minimize the time
between high-side and low-side MOSFET transitions,
thus maximizing power efficiency. Shoot-through
protection circuitry prevents erroneous inputs and noise
from turning both MOSFETS on at the same time.
The MIC4605 also offers a wide 5.5V to 16V operating
supply range to maximize system efficiency. The low
5.5V operating voltage allows longer run times in
battery-powered applications. Additionally, the MIC4605
device’s adjustable gate drive sets the gate drive voltage
to VDD for optimal MOSFET RDS(ON), which minimizes
power loss due to the MOSFET’s RDS(ON).
The MIC4605 is available in an 8-pin SOIC package
and a tiny 10-pin 2.5 mm x 2.5 mm TDFN package.
Both packages have an operating junction temperature
range of -40°C to +125°C.
Typical Application Circuit
μC
MIC4605
M
HB
HO
HS
LO
MIC4605
HB
HO
HS
LO
HI
LI
V
DD
HI
LI
V
DD
5.5V-85V
MIC28511
V
OUT
V
IN
12V
MCP1826
V
OUT
V
IN
3.3V
MIC4605 DC Motor Driver Application
85V Half-Bridge MOSFET Driver with Adaptive Dead Time
and Shoot-Through Protection


Similar Part No. - MIC4605

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
MIC4605-1YM MICREL-MIC4605-1YM Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
MIC4605-1YMT MICREL-MIC4605-1YMT Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
MIC4605-2YM MICREL-MIC4605-2YM Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
MIC4605-2YMT MICREL-MIC4605-2YMT Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
More results

Similar Description - MIC4605

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G_07 Datasheet
300Kb / 15P
H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
TLE6284G INFINEON-TLE6284G_07 Datasheet
256Kb / 16P
H-Bridge Driver IC Deactivation of dead time and shoot through protection possible
Rev 2.3 2007-01-11
logo
MIC GROUP RECTIFIERS
MIC4102 MIC-MIC4102_11 Datasheet
646Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
logo
Microchip Technology
MIC4607 MICROCHIP-MIC4607 Datasheet
1Mb / 42P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
logo
Renesas Technology Corp
ISL78424 RENESAS-ISL78424 Datasheet
1Mb / 34P
100V Boot, 4A Peak, Half-Bridge Driver with Single PWM Input and Adaptive Dead Time Control
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
MIC4606 MICROCHIP-MIC4606 Datasheet
2Mb / 40P
85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
Revision D December 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com