Electronic Components Datasheet Search
  English  ▼

X  

VSP9435B Datasheet(PDF) 49 Page - Micronas

Part # VSP9435B
Description  PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VSP9435B Datasheet(HTML) 49 Page - Micronas

Back Button VSP9435B Datasheet HTML 45Page - Micronas VSP9435B Datasheet HTML 46Page - Micronas VSP9435B Datasheet HTML 47Page - Micronas VSP9435B Datasheet HTML 48Page - Micronas VSP9435B Datasheet HTML 49Page - Micronas VSP9435B Datasheet HTML 50Page - Micronas VSP9435B Datasheet HTML 51Page - Micronas VSP9435B Datasheet HTML 52Page - Micronas VSP9435B Datasheet HTML 53Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
DATA SHEET
VSP 94x2A
Micronas
Aug. 16, 2004; 6251-552-1DS
49
67h
AGCMD
AGCADJ1
68h
AGCRES
AGCFRZE
AGCADJ2
69h
CLMPHIGH
6Ah
CVBOSEL1
CLMPLOW
6Bh
FLINE
FLDINV
CLPSTGY
YCSEL
CLMPD1
6Ch
HPOL1
HPOL0
FHDET
DISCHCH
CLMPD2
6Dh
NOSIGB
HINP
CLMPST1
6Eh
PLLTC
CLMPST2
6Fh
CVBSEL2
CVBSEL1
70h
CVBOSEL2
CVBOSEL3
71h
FHFRRN
72h
REFTRIMEN
SATNR
VINP
NSRED
LPCDEL
73h
VSHIFT
74h
PALIDL1
VTHRL50
75h
PALIDL0
VTHRH50
76h
REFTRIM
77h
REFTRIMCV
REFTRIMRGB
78h
SLLTHDVP
THRSEL
CLMPST1S
79h
SCMIDL
CLMPST2S
7Ah
ACCLIM
IFCOMP
7Bh
CLMPD2S
CLMPD1S
7Ch
EIA770
SHAPERDIS
OSCPD
TSTSHAPERI
FREQSEL1
FREQSEL0
7Dh
BELLFIR
BELLIIR
VFLYWHL
7Eh
FLNSTRD
ENLIM
ISHFT
NSRED2
VLP
7Fh
SECACC
SECDIV
SECINC1
SECINC2
SCMREL
80h
PORCNCL
NTCHSEL
CPLLRES
DISALLRES
TRAPBLU
TRAPRED
81h
ADLCK
ADLCKSEL
ADLCKCC
VFLYWHLMD
SECACCL
82h
SYNFTHD
IFCOMSTR
PALIDL2
CPLLOF
DEEMPSTD
PALINC1
PALINC2
Read Register
83h
FBLACTIVE
84h
NOISEME
85h
LBSTATUS
PFBL
PG
PB
PR
NMSTATUS
86h
STABLL
87h
SMMIRROR
88h
DETHPOL
DETVPOL
STDET
SCOUTEN
PALID
CKSTAT
89h
LNSTDRD
INT
SCDEV
8Ah
LPFLD
8Bh
NRPIXEL
Table 3–7: I2C register overview, continued
Sub
add
(Hex)
Data Byte
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com