Electronic Components Datasheet Search
  English  ▼

X  

VSP9435B Datasheet(PDF) 13 Page - Micronas

Part # VSP9435B
Description  PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VSP9435B Datasheet(HTML) 13 Page - Micronas

Back Button VSP9435B Datasheet HTML 9Page - Micronas VSP9435B Datasheet HTML 10Page - Micronas VSP9435B Datasheet HTML 11Page - Micronas VSP9435B Datasheet HTML 12Page - Micronas VSP9435B Datasheet HTML 13Page - Micronas VSP9435B Datasheet HTML 14Page - Micronas VSP9435B Datasheet HTML 15Page - Micronas VSP9435B Datasheet HTML 16Page - Micronas VSP9435B Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
DATA SHEET
VSP 94x2A
Micronas
Aug. 16, 2004; 6251-552-1DS
13
2.2. RGB Front-end
An analog RGB input port for an external RGB or YUV
source is available. The incoming signal is clamped to
the back porch by a clamping pulse. As the memory is
only able to store a 4:2:2 picture, the YUV input signal
is downconverted to 4:2:2. There are two operation
modes available. The first one uses this input as an
overlay input (soft mix). The RGB or YUV signal must
then be synchronized to the main CVBS/YC signal.
The second so called independent mode uses RGB /
YUV including sync or H/V signals. This can be used,
for example, for a DVD player or set-top-box. When
using H sync from a non CVBS input (e.g. separate H-
sync) this must be indicated by HINP. The usage of
separate V sync must be set by VINP.
The delay of luminance and fast-blank can be adjusted
by YFDEL, and chrominance can be delay adjusted by
UVDEL
. If necessary, a fine adjustment of the fast
blank can be set by the parameter FBLDEL.
Fig. 2–13: Signal and Clamping Organization
Table 2–5: Possible input signals for RGB Front-end
Input Signal
FBLIN
VIN
Sync Separation
Remark
Hinp Vinp
RGB
CVBS1)
Sync on CVBS
1
0
YUV
CVBS1)
Sync on CVBS
1
0
RGB
H1)
V
Sync on H
E.g. set-top-box
1
1
YUV
H1)
V
Sync on H
E.g. set-top-box
1
1
RGB
FBL
Synchron to CVBS/YC
Soft mix
0
0
YUV
FBL
Synchron to CVBS/YC
Soft mix
0
0
RGB (incl. sync)
Sync on G (maybe on R/B) No external sync
1
0
YUV (incl. sync)
Sync on Y
No external sync e.g. DVD 1
0
1) Instead of FBL input, CVBS input can be used when Hinp=0
CLAMPSIGNALS
1
VINP
ADC2
ADC1
ADCR
ADCG
ADCB
ADCF
from CVBS
Source select
from CVBS
Source select
from RGB
Source select
from RGB
Source select
from RGB
Source select
from RGB
Source select
DATAB
DATAF
DATAG
DATAR
Data 2
Sync
processing
ADCSEL
HINP
from VINP pin
CLAMPSIGNALS2
DCLMPF
CLMPVRB
CLMPVG
CLMPVRB
AGCADJF
AGCADJB
AGCADJG
AGCADJR
AGCADJ2
AGCADJ1
CLMPV1
256
AGCMD
R Processing
G Processing
B Processing
F Processing
to soft-mix
to soft-mix
to soft-mix
to soft-mix
RBOFFSET
GOFFSET
RBOFFSET
0
1
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com