Electronic Components Datasheet Search
  English  ▼

X  

VSP9435B Datasheet(PDF) 73 Page - Micronas

Part # VSP9435B
Description  PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VSP9435B Datasheet(HTML) 73 Page - Micronas

Back Button VSP9435B Datasheet HTML 69Page - Micronas VSP9435B Datasheet HTML 70Page - Micronas VSP9435B Datasheet HTML 71Page - Micronas VSP9435B Datasheet HTML 72Page - Micronas VSP9435B Datasheet HTML 73Page - Micronas VSP9435B Datasheet HTML 74Page - Micronas VSP9435B Datasheet HTML 75Page - Micronas VSP9435B Datasheet HTML 76Page - Micronas VSP9435B Datasheet HTML 77Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 126 page
background image
DATA SHEET
VSP 94x2A
Micronas
Aug. 16, 2004; 6251-552-1DS
73
Subaddress 54h
D7
FIOFFOFF
[BP-POS]
Fieldoffset for ITU656 NTSC signals
‘0’: disabled
‘1’: enabled
D6
FIELDBINV
[BP-POS]
Backend field inversion
‘0’: no inversion
‘1’: inversion
D5-D3
HSEG2_10-8
[BP-POS]
Belongs to 51h
D2-D0
HSEG1_10-8
[BP-POS]
Belongs to 50h
Subaddress 55h
D7
CHRMSIG656
[BP-POS]
Chrominance format for 656 output
‘0’: (R−Y), (B−Y) output
‘1’: −(R−Y), −(B−Y) output
D6
VDEL_EN
[BP-POS]
Vertical pulse delay backend (test only)
‘0’: no delay
‘1’: delayed
D5-D3
HSEG4_10-8
[BP-POS]
Belongs to 53h
D2-D0
HSEG3_10-8
[BP-POS]
Belongs to 52h
Subaddress 56h
D7
SHIFTUV
[BP-DAC]
Shift UV subsampling at digital output
‘0’: take first UV couple
‘1’: take second UV couple
VSP9432/42 only
D6
DPOUT656
[BP-DAC]
Enable digital 656 Output
‘0’: disable output
‘1’: enable output
Subaddress 57h
D7
CHROMSIGN
[BP-DAC]
Chrominance sign
‘0’: (R−Y), (B−Y) output
‘1’: −(R−Y), −(B−Y) output
D6
CHROMAMP
[BP-DAC]
Chrominance amplification
‘0’: amplification=1
‘1’: amplification=2
Subaddress 58h
D7-D0
PKLY
[BP-DAC]
Voltage Level for Y DAC Output
‘00000000’: 0.4 V
‘10000000’: 1.0 V
‘11111111’: 1.9 V
including peaking overshoots. 0.9 V for white max.
Table 3–8: I2C bus command description, continued
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com