Electronic Components Datasheet Search
  English  ▼

X  

UG33 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # UG33
Description  0.6um ULC Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

UG33 Datasheet(HTML) 7 Page - ATMEL Corporation

  UG33 Datasheet HTML 1Page - ATMEL Corporation UG33 Datasheet HTML 2Page - ATMEL Corporation UG33 Datasheet HTML 3Page - ATMEL Corporation UG33 Datasheet HTML 4Page - ATMEL Corporation UG33 Datasheet HTML 5Page - ATMEL Corporation UG33 Datasheet HTML 6Page - ATMEL Corporation UG33 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
UG Series
5–7
Rev. B
– 25 May. 98
–
P1 = 0
–
P2 = 5 * 0.5 * 100 * 33/16/1000 = 0.5 mW
–
P3 = 52 * 16 * 33/16 * (25 + 2)/1000 = 22 mW
–
P = 0 + 0.5 + 22 = 22.5 mW
Typical ULC Test Conditions
For AC specification purposes, an improved output
loading scheme has been defined for Atmel Wireless &
Microcontrollers high-drive (24 mA), high-speed ULC
devices. The schematic below (Figure 5.) describes the
typical conditions for testing these ULC devices, using
the standard loading scheme commonly available on
high-end ATE.
Compared to a no-load condition, this provides the
following advantages:
D Output load is more representative of “real life”
conditions during transitions.
D Transient energy is absorbed at the end of the line to
prevent reflections which would lead to inaccurate
ATE measurements.
Figure 5. Typical ULC Test Conditions
D.U.T.
12 mA
12 mA
1.5 V
Comp



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com