Electronic Components Datasheet Search
  English  ▼

X  

MP7003 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # MP7003
Description  Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP7003 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  MP7003 Datasheet HTML 1Page - Toshiba Semiconductor MP7003 Datasheet HTML 2Page - Toshiba Semiconductor MP7003 Datasheet HTML 3Page - Toshiba Semiconductor MP7003 Datasheet HTML 4Page - Toshiba Semiconductor MP7003 Datasheet HTML 5Page - Toshiba Semiconductor MP7003 Datasheet HTML 6Page - Toshiba Semiconductor MP7003 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MP7003
2000-12-22
5/7
Forward voltage
VF (V)
IF – VF
Collector-emitter voltage
VCE (V)
IC – VCE
Gate-emitter voltage
VGE
(V)
VCE – VGE
Gate-emitter voltage
VGE
(V)
VCE – VGE
Gate-emitter voltage
VGE
(V)
VCE – VGE
Gate-emitter voltage
VGE
(V)
IC – VGE
100
80
60
40
20
0
0
1
2
3
4
5
18
15
8
10
7
VGE = 6 V
Common emitter
Tc
= 25°C
0
16
0
20
4
8
12
4
8
12
16
Common emitter
Tc
= -40°C
80
40
IC = 20 A
0
16
0
20
4
8
12
4
8
12
16
Common emitter
Tc
= 25°C
80
40
IC = 20 A
0
16
0
20
4
8
12
4
8
12
16
Common emitter
Tc
= 125°C
IC = 20 A
80
40
100
80
60
40
20
0
0
2
4
6
8
10
Common emitter
VCE = 5 V
Tc
= -40°C
25
125
100
0
0.8
0.4
2
1.6
1.2
10
1
0.1
Common cathode
125
Tc
= 25°C
30
3
0.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com