Electronic Components Datasheet Search
  English  ▼

X  

MP7003 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # MP7003
Description  Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP7003 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  MP7003 Datasheet HTML 1Page - Toshiba Semiconductor MP7003 Datasheet HTML 2Page - Toshiba Semiconductor MP7003 Datasheet HTML 3Page - Toshiba Semiconductor MP7003 Datasheet HTML 4Page - Toshiba Semiconductor MP7003 Datasheet HTML 5Page - Toshiba Semiconductor MP7003 Datasheet HTML 6Page - Toshiba Semiconductor MP7003 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MP7003
2000-12-22
7/7
Rth (t) – tw
Pulse width
tw (s)
Collector-emitter voltage
VCE (V)
Safe Operating Area
Collector-emitter voltage
VCE (V)
Reverse Bias SOA
0
100
20
40
60
80
0
700
500
300
100
400
200
600
Tj <
= 125°C
VGE = ±15 V
RG = 56 W
0.001
0.01
0.1
1
100
100
0.03
0.1
0.3
1
3
10
Tc
= 25°C
IGBT
Diode
Diode
IGBT
*500
ms
0.1
0.1
0.3
1
3
10
30
100
300
1000
* Single nonrepetitive
pulsed Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
0.3
1
3
10
30
100
300
DC
DC operation
Tc
= 25°C
*10 ms
*10
ms
*100
ms
*500
ms
*1 ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com