Electronic Components Datasheet Search
  English  ▼

X  

MP7003 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # MP7003
Description  Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP7003 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  MP7003 Datasheet HTML 1Page - Toshiba Semiconductor MP7003 Datasheet HTML 2Page - Toshiba Semiconductor MP7003 Datasheet HTML 3Page - Toshiba Semiconductor MP7003 Datasheet HTML 4Page - Toshiba Semiconductor MP7003 Datasheet HTML 5Page - Toshiba Semiconductor MP7003 Datasheet HTML 6Page - Toshiba Semiconductor MP7003 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MP7003
2000-12-22
6/7
Gate charge
QG (nC)
VCE, VGE – QG
Collector-emitter voltage
VCE (V)
C – VCE
Gate resistance
RG (9)
tr, ton – RG
Gate resistance
RG (9)
tr, toff – RG
Collector current
IC (A)
tr, ton – IC
Collector current
IC (A)
tf, toff – IC
50
10
1
0.1
0.3
3
30
1
10
100
1000
3
30
300
Common emitter
VCC = 300 V
VGE = ±15 V
IC = 40 A
: Tc
= 25°C
: Tc
= 125°C
ton
tr
50
10
1
0.1
0.3
3
30
1
10
100
1000
3
30
300
Common emitter
VCC = 300 V
VGE = ±15 V
IC = 40 A
: Tc
= 25°C
: Tc
= 125°C
toff
tr
1
10
100
3
30
5
50
1
0.1
3
5
0.3
0.5
ton
tr
: Tc
= 25°C
: Tc
= 125°C
Common emitter
VCC = 300 V
VGE = ±15 V
RG = 56 W
1
10
100
3
30
5
50
1
0.1
3
5
0.3
0.5
toff
tf
: Tc
= 25°C
: Tc
= 125°C
Common emitter
VCC = 300 V
VGE = ±15 V
RG = 56 W
0
400
300
200
100
0
40
80
120
160
200
0
4
8
12
16
VCE = 100 V
200
300
Common emitter
RL = 75 W
Tc
= 25°C
10
0.1
100
1000
10000
1
10
100
1000
Common emitter
VGE = 0 V
f
= 1 MHz
Tc
= 25°C
Cies
Coes
Cres
3000
300
30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com