Electronic Components Datasheet Search
  English  ▼

X  

VV5410 Datasheet(PDF) 57 Page - STMicroelectronics

Part # VV5410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5410 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button VV5410 Datasheet HTML 53Page - STMicroelectronics VV5410 Datasheet HTML 54Page - STMicroelectronics VV5410 Datasheet HTML 55Page - STMicroelectronics VV5410 Datasheet HTML 56Page - STMicroelectronics VV5410 Datasheet HTML 57Page - STMicroelectronics VV5410 Datasheet HTML 58Page - STMicroelectronics VV5410 Datasheet HTML 59Page - STMicroelectronics VV5410 Datasheet HTML 60Page - STMicroelectronics VV5410 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
57/105
cd5410-6410f-3-0.fm
8.10.5 Line Start Signal, LST
There are 4 modes of operation for the LST pin programmable via the serial interface, (see fg_mode[20]):
1. Disabled (Always Low- Default).
2. Free running - LST signal occurs once at the beginning of every line.
3. All lines except blanking lines are qualified by LST.
4. Only Black and Visible Lines are qualified by LST.
The LST is tri-stated either when OEB is driven high or via the appropriate control bit in the serial interface, (see data_format
register[22]). Table 18below details the LST timing for the different video modes, (see Figure 33 for specification of t1 and t2).
8.10.6 Frame Start Signal, FST
There are 3 modes of operation for the FST pin programmable via the serial interface:
1. Disabled (Always Low- Default).
2. Frame start signal. The FST signal occurs once frame, is high for 356 pixel periods (712 system clock periods) and qualifies
the data in the start of frame line.
3. Shutter/Electronic Flash Synchronisation Signal - FST rises a the start of the video data in the first black/blank line after the
EOF line and falls at the end of data in the SOF line.
The FST output is tri-stated either when OEB is driven high or via the appropriate control bit in the serial interface, (see
data_format register[22]).
The configuration details for FST can be found in fg_mode register[20].
Video Mode
t1
t2
pck’s
us
pck’s
us
CIF
21
5.25
16
4.000
QCIF (both pan tilt and sub sampled,
16Mhz clock)
6
6.00
15
15.00
QCIF (both pan tilt and sub sampled,
8Mhz clock)
6
6.00
15
15.00
PAL
33
4.652
42
5.962
NTSC
27
4.714
12
2.095
Table 18 : LST Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com