Electronic Components Datasheet Search
  English  ▼

X  

VV5410 Datasheet(PDF) 82 Page - STMicroelectronics

Part # VV5410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5410 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button VV5410 Datasheet HTML 78Page - STMicroelectronics VV5410 Datasheet HTML 79Page - STMicroelectronics VV5410 Datasheet HTML 80Page - STMicroelectronics VV5410 Datasheet HTML 81Page - STMicroelectronics VV5410 Datasheet HTML 82Page - STMicroelectronics VV5410 Datasheet HTML 83Page - STMicroelectronics VV5410 Datasheet HTML 84Page - STMicroelectronics VV5410 Datasheet HTML 85Page - STMicroelectronics VV5410 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 105 page
background image
VV5410 & VV6410
Serial Control Bus
cd5410-6410f-3-0.fm
Commercial in confidence
82/105
9.6
Types of messages
This section gives guidelines on the basic operations to read data from and write data to the serial interface.
The serial interface supports variable length messages. A message may contain no data bytes, one data byte or many data
bytes. This data can be written to or read from common or different locations within the sensor. The range of instructions
available are detailed below.
•
Write no data byte, only sets the index for a subsequent read message.
•
Single location data write or read for monitoring (real time control)
•
Multiple location read or write for fast information transfers.
Examples of these operations are given below. A full description of the internal registers is given in the previous section. For all
examples the slave address used is 3210 for writing and 3310 for reading. The write address includes the read/write bit (the lsb)
set to zero while this bit is set in the read address.
9.6.1
Single location, single data write.
When a random value is written to the sensor, the message will look like this:
In this example, the
fineH exposure register (index = 3210) is set to 8510. The r/w bit is set to zero for writing and the inc bit (msbit
of the index byte) is set to zero to disable automatic increment of the index after writing the value. The address index is preserved
and may be used by a subsequent read. The write message is terminated with a stop condition from the master.
9.6.2
Single location, single data read.
A read message always contains the index used to get the first byte.
This example assumes that a write message has already taken place and the residual index value is 3210. A value of 8510 is read
from the
fineH exposure register. Note that the read message is terminated with a negative acknowledge (A) from the master: it is
not guaranteed that the master will be able to issue a stop condition at any other time during a read message. This is because if
the data sent by the slave is all zeros, the
sda line cannot rise, which is part of the stop condition.
Figure 38 : Single location, single write.
S
3210
A0
3210
A8510
A
P
Start
Device
Ack
address
Index
Data
Stop
Inc
Figure 39 : Single location, single read.
S
3310
A0
3210
A8510
A
P
Start
Device
Ack
address
Index
Data
Stop
Master reads from slave, acknowledging
each byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com