Electronic Components Datasheet Search
  English  ▼

X  

VV5410 Datasheet(PDF) 68 Page - STMicroelectronics

Part # VV5410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5410 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button VV5410 Datasheet HTML 64Page - STMicroelectronics VV5410 Datasheet HTML 65Page - STMicroelectronics VV5410 Datasheet HTML 66Page - STMicroelectronics VV5410 Datasheet HTML 67Page - STMicroelectronics VV5410 Datasheet HTML 68Page - STMicroelectronics VV5410 Datasheet HTML 69Page - STMicroelectronics VV5410 Datasheet HTML 70Page - STMicroelectronics VV5410 Datasheet HTML 71Page - STMicroelectronics VV5410 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 105 page
background image
VV5410 & VV6410
Serial Control Bus
cd5410-6410f-3-0.fm
Commercial in confidence
68/105
[18],
[12] - sync_reset
[19],
[13] - reserved
[20],
[14] - fg_modes
Bits [3:2] of the fg_mode register are mode dependent. If the NTSC or PAL video modes are selected then the free running QCK
mode will be selected. The slow QCK is selected by default, regardless of the video mode.
note1: The FST pin will always output the free running version of QCK (either inverted or normal)
5
Enable additional black lines (lines 3-8)
Off/On
0
If enabled this bit will also enable the lines
immediately following the end of frame line. This
bit can only set/reset if the VP3 mode (ON) has
been selected. In VP3 mode (OFF) operation all
possible black lines are always output.
6
reserved
1
7
Pixel read-out order (hshuffle)
Unshuffled or Shuffled
1
It is strongly recommended to use shuffled
horizontal read-out with VV6410 sensor.
Bit
Function
Default
Comment
7:0
Pixel counter reset value
31
During synchronisation the pixel counter can be
reset to the known value or offset by up to 255
pck’s into the pixel count sequence.
Table 31 : [18],
[12] - sync_reset
Bit
Function
Default
Comment
1:0
FST/QCK pin modes
00
Selection of FST, QCK pin data
3:2
QCK modes
00
00 - if CIF & QCIF mode selected
01 - if NTSC and PAL mode selected
5:4
LST modes
00
See Table 35 below for details
7:6
FST modes
00
See Table 36 below for details
Table 32 : [20],
[14] - fg_modes
fg_mode[1:0]
FST pin
QCK pin
0
0
FST
Slow QCK
0
1
FST
Fast QCK
1
0
Fast QCKnote1
Slow QCK
1
1
Invert of Fast QCKnote1
Fast QCK
Table 33 : FST/QCK Pin Selection
Bit
Function
Default
Comment
Table 30 : [17],
[11] - Setup1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com