Electronic Components Datasheet Search
  English  ▼

X  

VV6410C036 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VV6410C036
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410C036 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VV6410C036 Datasheet HTML 3Page - STMicroelectronics VV6410C036 Datasheet HTML 4Page - STMicroelectronics VV6410C036 Datasheet HTML 5Page - STMicroelectronics VV6410C036 Datasheet HTML 6Page - STMicroelectronics VV6410C036 Datasheet HTML 7Page - STMicroelectronics VV6410C036 Datasheet HTML 8Page - STMicroelectronics VV6410C036 Datasheet HTML 9Page - STMicroelectronics VV6410C036 Datasheet HTML 10Page - STMicroelectronics VV6410C036 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
7/105
cd5410-6410f-3-0.fm
2.3.4
Sensor/Co-processor Interface Options
There are 3 main ways of interfacing to the VV5410/VV6410 sensor based on the above signals:
1. The colour co-processor supplies the sensor clock, CLKI, and uses the embedded control sequences to synchronise with
the frame and line level timings. Thus the host and sensor are running off derivatives of the same fundamental clock. To
allow the co-processor to determine the best sampling position of the video data, during its power-up sequence the sensor
outputs a 101010... sequence on each of its data bus lines for the host to lock on to.
2. The colour co-processor supplies the sensor clock, CLKI, and uses a free-running QCK supplied by the sensor to sample
the incoming video data stream. The embedded control sequences are used to synchronise the frame and line level timings.
3. The colour co-processor supplies the sensor clock, CLKI, and uses FST, LST and the data only mode for QCK to synchro-
nise to the incoming video data. Primarily intended for interfacing to frame grabbers.
2.4
Other Features
2.4.1
Audio Amplifier
Pins AIN and AOUTP & AOUTN are the input and outputs respectively for an audio amplifier.
2.4.2
Voltage Regulator
The on-chip voltage regulator requires only a few external components to form a fully functional voltage regulator to 3.3V.
SDA
SCL
D[4:0]
CLKI
1.
VV5410/
VV6410
Sensor
Co-processor
SDA
SCL
D[4:0]
QCK
CLKI
2.
VV5410/
VV6410
Sensor
Co-processor
SDA
SCL
D[4:0]
QCK
CLKI
3.
VV5410/
VV6410
Sensor
Co-processor
LST
FST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com