Electronic Components Datasheet Search
  English  ▼

X  

VV6410C036 Datasheet(PDF) 73 Page - STMicroelectronics

Part # VV6410C036
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410C036 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button VV6410C036 Datasheet HTML 69Page - STMicroelectronics VV6410C036 Datasheet HTML 70Page - STMicroelectronics VV6410C036 Datasheet HTML 71Page - STMicroelectronics VV6410C036 Datasheet HTML 72Page - STMicroelectronics VV6410C036 Datasheet HTML 73Page - STMicroelectronics VV6410C036 Datasheet HTML 74Page - STMicroelectronics VV6410C036 Datasheet HTML 75Page - STMicroelectronics VV6410C036 Datasheet HTML 76Page - STMicroelectronics VV6410C036 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
73/105
cd5410-6410f-3-0.fm
[25-31],
[19-1F] - unused
9.5.3
Exposure Control Registers [32 - 47],
[20-2F]
There is a set of programmable registers which controls the sensitivity of the sensor. The registers are as follows:
1. Fine exposure.
2. Coarse exposure.
3. Analog gain.
4. Clock division
Note
: As we know from an explanation earlier in this document (see Section 6. for further details) the exposure control
registers are not updated immediately, rather they are timed to be updated at a precise point in the field timing.
The range of some parameter values is limited and any value programmed out-with this range will be clipped to the maximum
currently permitted, (the fine and coarse maximum allowable settings are set by the current line and field length respectively).
1
Retro mode for gain application
Off/On
0
The gain passed to the CAB comprises 2 components,
IDAC[3:0] and CDAC[5:0]. If the user selects the retro
mode then the IDAC value will be the inverse of the ls
gain nibble. The user is barred from writing to the ms
gain nibble. In the non retro mode all 8 bits are availa-
ble to program. The 2 ls bits of CDAC[5:0] are fixed at
2’b11.
2
Select log CDAC ramp
Off/On
0
By default the same CDAC value is applied for the
duration of every line of every field. Setting this bit
causes the CDAC value to be varied during the line.
7:3
Index10
Index16
Bits
Function
Default
Comment
32
20
0
Fine MSB exposure value
0
The maximum fine exposure is line
length dependent. The expressions
used to calculate the maximum fine
exposure for each of the default
video modes, that can be selected
via Setup0 register, are as follows
NTSC = line length - 51
PAL = line length - 86
CIF = line length - 51
QCIF = line length - 23
33
21
7:0
Fine LSB exposure value
Bit
Function
Default
Comment
Table 45 : [24],
[18] - Mode Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com