Electronic Components Datasheet Search
  English  ▼

X  

VV6410C036 Datasheet(PDF) 48 Page - STMicroelectronics

Part # VV6410C036
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410C036 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button VV6410C036 Datasheet HTML 44Page - STMicroelectronics VV6410C036 Datasheet HTML 45Page - STMicroelectronics VV6410C036 Datasheet HTML 46Page - STMicroelectronics VV6410C036 Datasheet HTML 47Page - STMicroelectronics VV6410C036 Datasheet HTML 48Page - STMicroelectronics VV6410C036 Datasheet HTML 49Page - STMicroelectronics VV6410C036 Datasheet HTML 50Page - STMicroelectronics VV6410C036 Datasheet HTML 51Page - STMicroelectronics VV6410C036 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 105 page
background image
VV5410 & VV6410
Digital Video Interface Format
cd5410-6410f-3-0.fm
Commercial in confidence
48/105
8.3.4
Valid video line timing
All valid video data is contained on active video lines. The pixel data appears as a continuous stream of bytes within the active
lines. The pixel data may be separated from the line header and end-of-line control sequence by a number of ‘blank’ bytes (07H).
8.3.5
Start of frame line timing
The start of frame line which begins each video field contains no video data but instead contains the contents of the serial
interface register map. Immediately following the SAV sequence there are 2 padding pixels, (see Figure 27), output as blanking
levels, (07H). There will be more blanking codes output after all the serial interface registers have been output . The padding
pixels continue to be output until terminated by an end-of-line control sequence. To ensure that no escape/sync characters, (the
reserved FF,FF,00 sequence), appear in the sensor status/configuration information the code 07H is output after each serial
interface value.
If a serial interface register location is unused then a default value, the DeviceH register, is output. The read-out order of the
registers is independent of whether the pixel read-out order is shuffled or un-shuffled.
8.3.6
End of frame line timing
The end of frame line contains no video data. Its sole purpose is to indicate the end of a frame.
8.4
Detection of sensor using data bus state
On power-up a sensor will pull all data lines high and these lines will remain high while the device is in the power up default, low
power state. The device is removed from this low power mode by the I2C host writing to sensor register, setup0 [address 1016].
When the device exits the low power mode it will follow a defined power up sequence, please see Figure 30 for more details.
Upon completion of the power up sequence the sensor will begin streaming video.
8.5
Resetting the Sensor Via the Serial Interface
Bit 2 of setup0 register allows the VV5500/VV6500 sensor to be reset to its power-on state via the serial interface. Setting this
“Soft Reset” bit causes all of the serial interface registers including the “Soft Reset” bit to be reset to their default values. This
“Soft Reset” leaves the sensor in low-power mode.
8.6
Resetting the Sensor Via the RESETB pin
On power-up the RESETB pin is configured as an active low system reset which has the same effect as a soft reset issued via
the serial interface as described above.
8.7
Resynchronising the Sensor Via the RESETB pin configured as SINB
Bit 5 of the pin mapping register [21] allows the RESETB pin to be re-configured as an active low (edge triggered) system
synchronisation signal which will reset the video timing to the beginning of a field but will NOT reset the serial registers therefore
the host does not have to reconfigure the sensor following a resynchronisation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com