Electronic Components Datasheet Search
  English  ▼

X  

UPD75P0076CU Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # UPD75P0076CU
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P0076CU Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button UPD75P0076CU Datasheet HTML 45Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 46Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 47Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 48Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 49Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 50Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 51Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 52Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
µPD75P0076
47
Data Sheet U10232EJ1V1DS
DC PROGRAMMING CHARACTERISTICS (TA = 25
± 5˚C, VDD = 6.0 ± 0.25 V, VPP = 12.5 ± 0.3 V, VSS = 0 V)
Parameter
Symbol
Test conditions
MIN.
TYP.
MAX.
Unit
Input voltage high
VIH1
Except X1, X2
0.7VDD
VDD
V
VIH2
X1, X2
VDD–0.5
VDD
V
Input voltage low
VIL1
Except X1, X2
0
0.3VDD
V
VIL2
X1, X2
0
0.4
V
Input leakage current
ILI
VIN = VIL or VIH
10
µA
Output voltage high
VOH
IOH = –1 mA
VDD–1.0
V
Output voltage low
VOL
IOL = 1.6 mA
0.4
V\
VDD power supply current
IDD
30
mA
VPP power supply current
IPP
MD0 = VIL, MD1 = VIH
30
mA
Cautions 1. Avoid exceeding +13.5 V for VPP including the overshoot.
2. VDD must be applied before VPP, and cut after VPP.
AC PROGRAMMING CHARACTERISTICS (TA = 25
± 5˚C, VDD = 6.0 ± 0.25 V, VPP = 12.5 ± 0.3 V, VSS = 0 V)
Parameter
Symbol
Note 1
Test conditions
MIN.
TYP.
MAX.
Unit
Address setup time Note 2 (to MD0
↓)tAS
tAS
2
µs
MD1 setup time (to MD0
↓)tM1S
tOES
2
µs
Data setup time (to MD0
↓)tDS
tDS
2
µs
Address hold time Note 2 (from MD0
↑)tAH
tAH
2
µs
Data hold time (from MD0
↑)tDH
tDH
2
µs
MD0
↑→data output float delay time
tDF
tDF
0
130
ns
VPP setup time (to MD3
↑)tVPS
tVPS
2
µs
VDD setup time (to MD3
↑)tVDS
tVCS
2
µs
Initial program pulse width
tPW
tPW
0.95
1.0
1.05
ms
Additional program pulse width
tOPW
tOPW
0.95
21.0
ms
MD0 setup time (to MD1
↑)tM0S
tCES
2
µs
MD0
↓→data output delay time
tDV
tDV
MD0 = MD1 = VIL
1
µs
MD1 hold time (from MD0
↑)tM1H
tOEH
tM1H + tM1R
≥ 50
µs2
µs
MD1 recovery time (from MD0
↓)tM1R
tOR
2
µs
Program counter reset time
tPCR
–10
µs
X1 input high-/low-level width
tXH, tXL
–0.125
µs
X1 input frequency
fX
–4.19
MHz
Initial mode set time
tI
–2
µs
MD3 setup time (to MD1
↑)tM3S
–2
µs
MD3 hold time (from MD1
↓)tM3H
–2
µs
MD3 setup time (to MD0
↓)tM3SR
–
During program memory read
2
µs
Address Note 2
→data output delay time
tDAD
tACC
During program memory read
2
µs
Address Note 2
→data output hold time
tHAD
tOH
During program memory read
0
130
ns
MD3 hold time (from MD0
↑)tM3HR
–
During program memory read
2
µs
MD3
↓→data output float delay time
tDFR
–
During program memory read
2
µs
Notes 1. Corresponding symbol of
µPD27C256A
2. The internal address signal is incremented by 1 at the rising edge of the fourth X1 input and is not
connected to the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com