Electronic Components Datasheet Search
  English  ▼

X  

UPD75P0076CU Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # UPD75P0076CU
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P0076CU Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button UPD75P0076CU Datasheet HTML 53Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 54Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 55Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 56Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 57Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 58Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 59Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 60Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
µPD75P0076
55
Data Sheet U10232EJ1V1DS
APPENDIX A
DIFFERENCES AMONG
µPD75068, 750068 AND 75P0076
Parameter
µPD75068
µPD750068
µPD75P0076
Program memory
Mask ROM
Mask ROM
One-time PROM
0000H to 1F7FH
0000H to 1FFFH
0000H to 3FFFH
(8064 x 8 bits)
(8192 x 8 bits)
(16384 x 8 bits)
Data memory
000H to 1FFH
(512 x 4 bits)
CPU
75X Standard CPU
75XL CPU
General-purpose register
4 bits x 8 or 8 bits x 4
(4 bits x 8 or 8 bits x 4) x 4 banks
Instruction
When main system
0.95, 1.91, 15.3
µs• 0.67, 1.33, 2.67, 10.7 µs (during 6.0-MHz operation)
execution
clock is selected
(during 4.19-MHz operation)
• 0.95, 1.91, 3.81, 15.3
µs (during 4.19-MHz operation)
time
When subsystem
122
µs (during 32.768-kHz operation)
clock is selected
I/O port
CMOS input
12 (Connections of on-chip pull-up resistor specified by software: 7)
CMOS input/output
12 (Connections of on-chip pull-up resistor specified by software)
N-ch open-drain
8 (on-chip pull-up resistor
8 (on-chip pull-up resistor
8 (no mask option)
input/output
specified by mask option)
specified by mask option)
Withstand voltage is 13 V
Withstand voltage is 10 V
Withstand voltage is 13 V
Total
32
Timer
3 channels
4 channels
• 8-bit timer/event counter
• 8-bit timer/event counter 0 (watch timer output added)
• 8-bit basic interval timer
• 8-bit timer/event counter 1 (can be used as a 16-bit timer/
• Watch timer
event counter)
• 8-bit basic interval timer/watchdog timer
• Watch timer
A/D converter
• 8-bit resolution x 8 channels
• 8-bit resolution x 8 channels
(successive approximation)
(successive approximation)
• Can operate at the voltage
• Can operate at the voltage from VDD = 1.8 V
from VDD = 2.7 V
Clock output (PCL)
Φ, 524, 262, 65.5 kHz
•
Φ, 1.05 MHz, 262 kHz, 65.5 kHz
(Main system clock:
(Main system clock: during 4.19-MHz operation)
during 4.19-MHz operation)
•
Φ, 1.5 MHz, 375 kHz, 93.8 kHz
(Main system clock: during 6.0-MHz operation)
Buzzer output (BUZ)
2, 4, 32 kHz
• 2, 4, 32 kHz
(Main system clock:
(Main system clock: during 4.19-MHz operation or
during 4.19-MHz operation
subsystem clock: during 32.768-kHz operation)
or subsystem clock: during
• 2.93, 5.86, 46.9 kHz
32.768-kHz operation)
(Main system clock: during 6.0-MHz operation)
Serial interface
3 modes supported
2 modes supported
• 3-wire serial I/O mode
• 3-wire serial I/O mode...MSB/LSB first selectable
...MSB/LSB first selectable
• 2-wire serial I/O mode
• 2-wire serial I/O mode
• SBI mode
Vectored interrupt
3 external, 3 internal
3 external, 4 internal
Test inputs
1 external, 1 internal
Power supply voltage
VDD = 2.7 to 6.0 V
VDD = 1.8 to 5.5 V
Operating ambient temperature
TA = –40 to +85 ˚C
Package
• 42-pin plastic shrink DIP
• 42-pin plastic shrink DIP (600 mil, 1.778-mm pitch)
(600 mil)
• 44-pin plastic QFP
• 42-pin plastic shrink SOP (375 mil, 0.8-mm pitch)
(10 x 10 mm)
Note Under development



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com