Electronic Components Datasheet Search
  English  ▼

X  

UPD75P0076CU Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UPD75P0076CU
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P0076CU Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UPD75P0076CU Datasheet HTML 12Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 13Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 14Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 15Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 16Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 17Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 18Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 19Page - Renesas Technology Corp UPD75P0076CU Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
µPD75P0076
14
Data Sheet U10232EJ1V1DS
4.2 Setting of Stack Bank Selection (SBS) Register
Use the stack bank selection register to switch between the Mk I mode and the Mk II mode. Figure 4-1 shows the format
for doing this.
The stack bank selection register is set using a 4-bit memory manipulation instruction. When using the Mk I mode, be
sure to initialize the stack bank selection register to 100xBNote at the beginning of the program. When using the Mk II mode,
be sure to initialize it to 000xBNote.
Note
Set the desired value for x.
Figure 4-1. Format of Stack Bank Selection Register
Cautions 1. SBS3 is set to “1” after RESET input, and consequently the CPU operates in the Mk I mode. When
using instructions for the Mk II mode, set SBS3 to “0” to enter the Mk II mode before using the
instructions.
2. When using the Mk II mode, execute a subroutine call instruction and an interrupt instruction after
RESET input and after setting the stack bank selection register.
SBS3
SBS2
SBS1
SBS0
F84H
Address
3
2
1
0
SBS
0
0
1
1
0
1
0
1
Symbol
Stack area specification
Memory bank 0
Memory bank 1
0
Be sure to enter “0” for bit 2.
0
1
Mk II mode
Mk I mode
Mode selection specification
Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com