Electronic Components Datasheet Search
  English  ▼

X  

UPD75P3036 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD75P3036
Description  MOS INTEGRATED CIRCUIT
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3036 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD75P3036 Datasheet HTML 1Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 2Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 3Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 4Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 5Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 6Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 7Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 8Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
1996
DATA SHEET
µPD75P3036
MOS INTEGRATED CIRCUIT
4-BIT SINGLE-CHIP MICROCONTROLLER
The
µPD75P3036 replaces the µPD753036’s internal mask ROM with a one-time PROM or EPROM.
Because the
µPD75P3036 supports programming by users, it is suitable for use in prototype testing for system
development using the
µPD753036 and for use in small-scale production.
Caution The
µPD75P3036KK-T is not designed to guarantee the reliability required for use in mass-
production. Please use it only for performance evaluation during testing and test production runs.
Detailed descriptions of functions are provided in the following document. Be sure to read the document
before designing.
µPD753036 User’s Manual : U10201E
FEATURES
• Compatible with
µPD753036
• Internal PROM: 16384
× 8 bits
•
µPD75P3036KK-T
: Reprogrammable (ideally suited for system evaluation)
•
µPD75P3036GC, 75P3036GK : One-time programmable (ideally suited for small-scale production)
• Internal RAM: 768
× 4 bits
• Can operate in the same power supply voltage as the mask version
µPD753036
•VDD = 1.8 to 5.5 V
• LCD controller/driver
• A/D converter
Caution
Mask-option pull-up resistors are not provided in this device.
In this document, the term PROM is used in parts common to one-time PROM versions and EPROM versions.
Document No. U11575EJ1V1DS00 (1st edition)
Date Published August 2005 N CP(K)
Printed in Japan
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com