Electronic Components Datasheet Search
  English  ▼

X  

UPD75P3036 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD75P3036
Description  MOS INTEGRATED CIRCUIT
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3036 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD75P3036 Datasheet HTML 6Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 7Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 8Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 9Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 10Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 11Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 12Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 13Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
8
Data Sheet U11575EJ1V1DS
µPD75P3036
3. PIN FUNCTIONS
3.1 Port Pins (1/2)
Pin name
I/O
Alternate
Function
8-bit
Status
I/O circuit
function
I/O
after reset
typeNote 1
P00
Input
INT4
This is a 4-bit input port (PORT0).
No
Input
<B>
Connection of an on-chip pull-up resistor can be
P01
I/O
SCK
specified in 3-bit units by software for P01 to P03.
<F> -A
P02
I/O
SO/SB0
<F> -B
P03
I/O
SI/SB1
<M> -C
P10
Input
INT0
This is a 4-bit input port (PORT1).
No
Input
<B> -C
Connection of an on-chip pull-up resistor can be
P11
INT1
specified in 4-bit units by software.
P10/INT0 can select noise elimination circuit.
P12
INT2
P13
TI0
P20
I/O
PTO0
This is a 4-bit I/O port (PORT2).
No
Input
E-B
Connection of an on-chip pull-up resistor can be
P21
PTO1
specified in 4-bit units by software.
P22
PCL/PTO2
P23
BUZ
P30
I/O
LCDCL/MD0
This is a programmable 4-bit I/O port (PORT3).
No
Input
E-B
Input and output can be specified in bit units.
P31
SYNC/MD1
Connection of an on-chip pull-up resistor can be
specified in 4-bit units by software.
P32
MD2
P33
MD3
P40Note 2
I/O
D0
This is an N-ch open-drain 4-bit I/O port (PORT4).
Yes
High
M-E
When set to open-drain, voltage is 13 V.
impedance
P41Note 2
D1
Also functions as data I/O pin (lower 4 bits)
for program memory (PROM) write/verify.
P42Note 2
D2
P43Note 2
D3
P50Note 2
I/O
D4
This is an N-ch open-drain 4-bit I/O port (PORT5).
High
M-E
When set to open-drain, voltage is 13 V.
impedance
P51Note 2
D5
Also functions as data I/O pin (upper 4 bits)
for program memory (PROM) write/verify.
P52Note 2
D6
P53Note 2
D7
Notes 1. Circuit types enclosed in brackets indicate Schmitt trigger input.
2. Low level input leakage current increases when input instructions or bit manipulate instructions are executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com