Electronic Components Datasheet Search
  English  ▼

X  

UPD75P3036 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD75P3036
Description  MOS INTEGRATED CIRCUIT
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3036 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD75P3036 Datasheet HTML 24Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 25Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 26Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 27Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 28Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 29Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 30Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 31Page - Renesas Technology Corp UPD75P3036 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
26
Data Sheet U11575EJ1V1DS
µPD75P3036
Instruction
Mnemonic
Operand
No. of Machine
Operation
Addressing
Skip
group
bytes
cycle
area
condition
Bit transfer
MOV1
CY, fmem.bit
2
2
CY<-(fmem.bit)
*4
CY, pmem.@L
2
2
CY<-(pmem7-2+L3-2.bit(L1-0))
*5
CY, @H+mem.bit
2
2
CY<-(H+mem3-0.bit)
*1
fmem.bit, CY
2
2
(fmem.bit)<-CY
*4
pmem.@L, CY
2
2
(pmem7-2+L3-2.bit(L1-0))<-CY
*5
@H+mem.bit, CY
2
2
(H+mem3-0.bit)<-CY
*1
Arithmetic/
ADDS
A, #n4
1
1+S
A<-A+n4
carry
logical
XA, #n8
2
2+S
XA<-XA+n8
carry
operation
A, @HL
1
1+S
A<-A+(HL)
*1
carry
XA, rp’
2
2+S
XA<-XA+rp’
carry
rp’1, XA
2
2+S
rp’1<-rp’1+XA
carry
ADDC
A, @HL
1
1
A, CY<-A+(HL)+CY
*1
XA, rp’
2
2
XA, CY<-XA+rp’+CY
rp’1, XA
2
2
rp’1, CY<-rp’1+XA+CY
SUBS
A, @HL
1
1+S
A<-A–(HL)
*1
borrow
XA, rp’
2
2+S
XA<-XA–rp’
borrow
rp’1, XA
2
2+S
rp’1<-rp’1–XA
borrow
SUBC
A, @HL
1
1
A, CY<-A–(HL)–CY
*1
XA, rp’
2
2
XA, CY<-XA–rp’–CY
rp’1, XA
2
2
rp’1, CY<-rp’1–XA–CY
AND
A, #n4
2
2
A<-A^n4
A, @HL
1
1
A<-A^(HL)
*1
XA, rp’
2
2
XA<-XA^rp’
rp’1, XA
2
2
rp’1<-rp’1^XA
OR
A, #n4
2
2
A<-Avn4
A, @HL
1
1
A<-Av(HL)
*1
XA, rp’
2
2
XA<-XAvrp’
rp’1, XA
2
2
rp’1<-rp’1vXA
XOR
A, #n4
2
2
A<-Avn4
A, @HL
1
1
A<-Av(HL)
*1
XA, rp’
2
2
XA<-XAvrp’
rp’1, XA
2
2
rp’1<-rp’1vXA
Accumulator
RORC
A
1
1
CY<-A0, A3<-CY, An–1<-An
manipulation
NOT
A
2
2
A<-A
Increment/
INCS
reg
1
1+S
reg<-reg+1
reg=0
decrement
rp1
1
1+S
rp1<-rp1+1
rp1=00H
@HL
2
2+S
(HL)<-(HL)+1
*1
(HL)=0
mem
2
2+S
(mem)<-(mem)+1
*3
(mem)=0
DECS
reg
1
1+S
reg<-reg–1
reg=FH
rp’
2
2+S
rp’<-rp’–1
rp’=FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com