Electronic Components Datasheet Search
  English  ▼

X  

115A Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 115A
Description  SIM Card Socket , Push-Push Type, 82 Pin, 10u”, Reel, w/switch, (w/Logo)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115A Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  115A Datasheet HTML 1Page - ATTEND Technology Inc. 115A Datasheet HTML 2Page - ATTEND Technology Inc. 115A Datasheet HTML 3Page - ATTEND Technology Inc. 115A Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The information contained herein is exclusive property of Attend. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-1 -
SPECIFICATION AND PERFORMANCE
Series
115A Series
File
115A-Series_spec_5
Date
2022/03/04
Scope:
This specification covers the requirements for product performance, test methods and
quality assurance provisions of below table:
P/N
DESCRIPTION
115A-BDA0-R01
SIM Card Socket , Push-Push Type, 8+2 Pin, 10u”, Reel, w/switch, (w/Logo)
115A-ADA0-R02
SIM Card Socket , Push-Push Type, 6+2 Pin, 10u”, Reel, w/switch, (w/Logo)
115A-ADAA-R02
SIM Card Socket , Push-Push Type, 6+2 Pin, 10u”, Reel, w/o Peg, w/switch,
(w/Logo)
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient -
environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list controlled.
MATERIALS
NO.
PART NAME
DESCRIPTION
1
HOUSING
LCP, UL94V-0, Black
2
CONTACT
Phosphor Bronze, Gold plating on contact area, 120u” min. Tin plating on
solder tails, under plating 50u” min. Nickel
3
SHELL
SUS304, Gold plating on solder tails, under plating 50u” min. Nickel
4
SLIDER
LCP, UL94V-0, Black
5
CRANK
SUS304
6
SPRING
SWP
RATING
Rated Voltage
30V AC/DC
Rated Current
0.5A per pin
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
Durability
10,000
ELECTRICAL
Item
Requirement
Test Condition
Contact Resistance
(Low Level)
100 mΩ Maximum (Initial)
△R=40mΩMax.
Subject mated contacts assembled in housing
to 20 mV Max. Open circuit at 10 mA.
Insulation Resistance
1000 MΩ Min. initial
100 MΩ Min. after test
Impressed voltage 500VD.C. for 1minute. Test
between adjacent circuit.


Similar Part No. - 115A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115 CTS-115 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
logo
Honeywell Solid State E...
115 HONEYWELL-115 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
115 ARIES-115 Datasheet
300Kb / 1P
Point-to-point Wiring
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
Resistance, continuity, frequency, capacitance, and diode test
logo
Alpha Wire
115 ALPHAWIRE-115 Datasheet
100Kb / 4P
Customer Specifications
8/29/2022
More results

Similar Description - 115A

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FMS006Z-2000-0 YAMAICHI-FMS006Z-2000-0 Datasheet
128Kb / 1P
SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
FMS006Z-2100-0 YAMAICHI-FMS006Z-2100-0 Datasheet
160Kb / 1P
SIM Card Reader (Push / Push, Reversed Type w. and w/o Switch)
FMS006-2310-0 YAMAICHI-FMS006-2310-0 Datasheet
213Kb / 1P
SIM Card Reader (Push / Lock, Std. Type w/o Switch)
FMS006-2320-0 YAMAICHI-FMS006-2320-0 Datasheet
112Kb / 1P
SIM Card Reader (Push / Lock, Reversed w/o Switch)
FMS006-2620-0 YAMAICHI-FMS006-2620-0 Datasheet
124Kb / 1P
SIM Card Reader (Push / Push, Low Profile Std. Type w/o Switch)
FMS008-6001-0 YAMAICHI-FMS008-6001-0 Datasheet
325Kb / 1P
8 Pin SIM Card Reader (Push / Push with Switch)
logo
Major League Electronic...
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
SIM Card Connector Push/Push Type 6 or 8 Pin
logo
ATTEND Technology Inc.
112I ATTEND-112I Datasheet
298Kb / 3P
Micro SD socket, Push-Pull Type, w/card switch, w/Peg, Reel
2020/07/28
115F ATTEND-115F Datasheet
291Kb / 5P
HINGE TYPE, 62 PIN, G/F, REEL, W/PEG, W/SWITCH, W/LOGO
2016/01/20
115U-B100 ATTEND-115U-B100 Datasheet
319Kb / 5P
Dual Nano SIM Socket, Tray-Push Push, Lock w/Switch, G/F, Reel
2021/12/27
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com