Electronic Components Datasheet Search
  English  ▼

X  

115A Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 115A
Description  SIM Card Socket , Push-Push Type, 82 Pin, 10u”, Reel, w/switch, (w/Logo)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115A Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  115A Datasheet HTML 1Page - ATTEND Technology Inc. 115A Datasheet HTML 2Page - ATTEND Technology Inc. 115A Datasheet HTML 3Page - ATTEND Technology Inc. 115A Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The information contained herein is exclusive property of Attend. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
EIA-364,TP-21
Dielectric Withstanding
Voltage
No creeping discharge nor
Flashover shall occur.
Current leakage:
1 mA Max.
500 V for 1 minute. Test between adjacent
circuit.
EIA-364,TP-20
Temperature Rise
30 °C Max. under loaded
rating current
The contacts shall be wired in series and apply
rated current. Measure the temp. rising on
contact.
MECHANICAL
Item
Requirement
Test Condition
Durability
(Office Environment)
100 mΩ Maximum (Initial)
△R=40mΩMax.
Cycle Rate: 400 to 600 cycles per hour. No. of
Cycles: 10,000 cycles.
EIA- 364,TP-09
Durability
(Harsh Environment)
100 mΩ Maximum (Initial)
△R=40mΩMax.
Cycle Rate: 400 to 600 cycles per hour.
1. Mate/Unmating : 1,000 cycles
2. Dump Heat 1 cycles
3. Mate/Unmating: 1,000 cycles
4. Dump Heat : 1 cycles
5. Mate/Unmating : 3,000 cycles
6. Dump Heat 1 cycles
7. H2S 96 hours
Contact Retention Force
1.0N Min.
(Individual Contact)
Measure the contact retention force at 25.0
mm/min.
EIA-364,TP-29
Total Insertion Force
0.714Kgf (7 N) Max.
Measure the SIM card insertion force at
25 .0mm/min.
EIA-364,TP-13
Total withdrawal Force
when SIM card is mated
0.026Kgf (0.25) N Min.
Measure the mated SIM card extraction force
at
25 .0 mm/min.
EIA-364,TP-13
Card Reverse Insertion
No electrical connection
and Physical damage to
connector.
Maintain push-and-eject
function.
Test speed: 25 mm/ min. Mating device:
Dummy SIM card.
Reference: EIA-364,TP-3
Vibration
(Low Frequency)
No electrical discontinuity
greater than 100 nsec.
Shall occur.
Frequency Range: 10-55-10
Total Amplitude: 1.52 mm pp or 98.1m/s
Duration:
2 hrs tree axes (6 hrs in total)
EIA-364,TP-28
Physical Shock
No electrical discontinuity
greater than 100 nsec.
Shall occur.
Accelerated Velocity: 50G (490s/m^2)
Waveform: Semi Sine Duration: 11m sec.
No of Shocks: 3/dir., 3 axis,(18 in total),
EIA-364,TP-27
Retention to PC board
1.02 kgf (10 N) Mim.
Apply force to connector in un-mating
direction. Reference test procedure: EIA364,
TP-13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com