Electronic Components Datasheet Search
  English  ▼

X  

115A Datasheet(PDF) 3 Page - ATTEND Technology Inc.

Part # 115A
Description  SIM Card Socket , Push-Push Type, 82 Pin, 10u”, Reel, w/switch, (w/Logo)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115A Datasheet(HTML) 3 Page - ATTEND Technology Inc.

  115A Datasheet HTML 1Page - ATTEND Technology Inc. 115A Datasheet HTML 2Page - ATTEND Technology Inc. 115A Datasheet HTML 3Page - ATTEND Technology Inc. 115A Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The information contained herein is exclusive property of Attend. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-3 -
ENVIRONMENTAL
Item
Requirement
Test Condition
Humidity-Thermal Cycling
1,000 MΩ(Initial)
100 MΩ(After Test)
△R=40mΩMax.
Ambient Temp.: 40±2°C Relative humidity:
90 to 95%
Duration: 10 cycles (Dummy engaged)
EIA-364,TP-31
Thermal Shock
1,000 MΩ(Initial)
100 MΩ(After Test)
△R=40mΩMax.
Temperature Range: 55 to 85°C No. of Cycles:
5 cycles for 60 minutes Dummy card engaged
during test
EIA-364,TP-32
Dump Heat
△R=40mΩMax.
Ambient Temp.: 40±2°C Relative humidity:
90 to 95%
Duration: 96 hours (Dummy engaged)
EIA-364,TP-31
Temperature Life
△R=40mΩMax.
Chamber Temperature: 85±3°C Duration:
250 hours
Dummy card engaged during test
EIA-364,TP-17
Low Temperature
Resistance
△R=40mΩMax.
Chamber Temperature: -40±3°C
Duration: 96 hours
Dummy card engaged during test
EIA-364,TP-59
Salt Spray Test
100 mΩ Maximum (Initial)
△R=40mΩMax.
Salt Solution: 5±1%
Length of Test: 48 hours
Dummy card engaged during the test
EIA-364,TP-26



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com