Electronic Components Datasheet Search
  English  ▼

X  

115U Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 115U
Description  6P Nano SIM Socket, Push-Pull Type, 1.3H, 10u" Gold Plating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115U Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  115U Datasheet HTML 1Page - ATTEND Technology Inc. 115U Datasheet HTML 2Page - ATTEND Technology Inc. 115U Datasheet HTML 3Page - ATTEND Technology Inc. 115U Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-1 -
SPECIFICATION AND PERFORMANCE
Series
115U series
File
115U_Spec_2
Date
2021/1/27
Scope:
This specification covers the requirements for product performance, test methods and
quality assurance provisions of below:
P/N
DESCRIPTION
115U-A000
6P Nano SIM Socket, Push-Pull Type, 1.3H, 10u" Gold Plating
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient
environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list controlled.
MATERIALS
NO.
PART NAME
DESCRIPTION
1
INSULATOR
LCP UL94V-0, Black
2
CONTACT
Phosphor Bronze, contact area gold plating, solder tails gold flash, all under
plating 50u” nickel.
3
SHELL
Stainless Steel, solder pad gold plating, under 30u” nickel plating over all
RATING
Rated Voltage
30V AC
Rated Current
1A Max. per pin
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
Durability
5000 cycles
ELECTRICAL
Item
Requirement
Test Condition
Contact Resistance
Initial: 100 mΩ Max.
After test: 40 mΩ Max change.
Measured between plug solder tails
and receptacle solder tails.
(EIA-364-23)
Insulation Resistance
Initial: 1000 MΩ Min.
At 100V DC
Test between center contact and
outer shell of unmated samples of
one minute.
(EIA-364-21)


Similar Part No. - 115U

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
115U-A101 ATTEND-115U-A101 Datasheet
319Kb / 5P
Nano SIM Socket, 6 Pin, Tray-Push Push, Lock, G/F, 700 Reel
2022/07/27
115U-A103 ATTEND-115U-A103 Datasheet
316Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115U-A103
2021/10/20
115U-B100 ATTEND-115U-B100 Datasheet
319Kb / 5P
Dual Nano SIM Socket, Tray-Push Push, Lock w/Switch, G/F, Reel
2021/12/27
115U-T001 ATTEND-115U-T001 Datasheet
319Kb / 5P
Nano SIM Socket, 6 Pin, Tray-Push Push, Lock, G/F, 700 Reel
2022/07/27
115U-T003 ATTEND-115U-T003 Datasheet
319Kb / 5P
Dual Nano SIM Socket, Tray-Push Push, Lock w/Switch, G/F, Reel
2021/12/27
More results

Similar Description - 115U

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
693023010811 WURTH-693023010811 Datasheet
714Kb / 3P
MICRO SIM - PUSH & PULL TYPE - 8 PINS
693043020611 WURTH-693043020611 Datasheet
452Kb / 3P
NANO SIM - PUSH & PULL TYPE - 6 PINS
logo
Global Connector Techno...
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
SIM8055 GCT-SIM8055 Datasheet
276Kb / 3P
Nano SIM Card Connector,Push-Pull Type,with Switch 6 Pin, SMT, Profile 1.35mm
27th November 2017
logo
ATTEND Technology Inc.
115A ATTEND-115A Datasheet
328Kb / 4P
SIM Card Socket , Push-Push Type, 82 Pin, 10u”, Reel, w/switch, (w/Logo)
2022/03/04
115S-BS00 ATTEND-115S-BS00 Datasheet
319Kb / 5P
Nano SIM Socket, Dual Card Tray Eject Type, 30u"
2021/04/21
115S ATTEND-115S Datasheet
523Kb / 8P
Nano SIM Card Socket, Bar Push, 8u" Gold
2019/01/21
115U-A101 ATTEND-115U-A101 Datasheet
319Kb / 5P
Nano SIM Socket, 6 Pin, Tray-Push Push, Lock, G/F, 700 Reel
2022/07/27
115U-B100 ATTEND-115U-B100 Datasheet
319Kb / 5P
Dual Nano SIM Socket, Tray-Push Push, Lock w/Switch, G/F, Reel
2021/12/27
115V ATTEND-115V Datasheet
362Kb / 6P
Nano SIM Socket, Hinge Type, 6Pin 10u” Reel
2019/08/13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com