Electronic Components Datasheet Search
  English  ▼

X  

115U Datasheet(PDF) 3 Page - ATTEND Technology Inc.

Part # 115U
Description  6P Nano SIM Socket, Push-Pull Type, 1.3H, 10u" Gold Plating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115U Datasheet(HTML) 3 Page - ATTEND Technology Inc.

  115U Datasheet HTML 1Page - ATTEND Technology Inc. 115U Datasheet HTML 2Page - ATTEND Technology Inc. 115U Datasheet HTML 3Page - ATTEND Technology Inc. 115U Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-3 -
1. Contact Resistance: 40mΩ (Max.)
change.
2. No damage
duration 24 hours.
Connectors detached
(EIA-364-26A)
SOLDER ABILITY
Item
Requirement
Test Condition
Solder-ability
95% of immersed area must show no
voids, pin holes.
The termination should be 95%
covered with new continuous solder
coating.
Solder temperature: 245±5°C
Test time: 3±0.5 seconds
(EIA-364-71)
Resistance to Soldering
Heat
No melting, cracks or functional
damage allowed.
When exposed to the following re-
flow soldering condition, there shell
be no any excessive thermal damage
on the every part of connector.
Reflow Profile
Preheating temperature: 150 ~ 200°C, 60~120 seconds
Liquidus temperature (TL): 217°C, 60~150 seconds
Peak temperature: 260°C
Time within 5 °C of peak temperature (Tc): 255°C, 30seconds



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com